Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

800DM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 800DM
Description  Glass Passivated Ultrafast Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

800DM Datasheet(HTML) 1 Page - Vishay Siliconix

  800DM Datasheet HTML 1Page - Vishay Siliconix 800DM Datasheet HTML 2Page - Vishay Siliconix 800DM Datasheet HTML 3Page - Vishay Siliconix 800DM Datasheet HTML 4Page - Vishay Siliconix 800DM Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
B40C800DM, B80C800DM, B125C800DM, B250C800DM, B380C800DM
www.vishay.com
Vishay General Semiconductor
Revision: 03-Sep-2020
1
Document Number: 88533
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Glass Passivated Ultrafast Bridge Rectifier
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Ideal for automated placement
• High surge current capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for SMPS, lighting ballaster, adapter, battery charger, home
appliances, office equipment, and telecommunication
applications.
MECHANICAL DATA
Case: DFM
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked on body
PRIMARY CHARACTERISTICS
IF(AV)
0.9 A
VRRM
65 V, 125 V, 200 V, 400 V, 600 V
IFSM
45 A
IR
10 μA
VF at IF = 0.9 A
1.0 V
TJ max.
125 °C
Package
DFM
Circuit configuration
Quad
~
~
Case Style DFM
~
~
333
DDD3 D
3D Models
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
B40
C800DM
B80
C800DM
B125
C800DM
B250
C800DM
B380
C800DM
UNIT
Maximum repetitive peak reverse voltage
VRRM
65
125
200
400
600
V
Maximum RMS input voltage R- and C-load
VRMS
40
80
125
250
380
V
Maximum average forward output current
for free air operation at TA = 45 °C
R- and L-load
IF(AV)
0.9
A
C-load
0.8
Maximum DC blocking voltage
VDC
65
125
200
400
600
V
Maximum peak working voltage
VRWM
90
180
300
600
900
V
Maximum non-repetitive peak voltage
VRSM
100
200
350
650
1000
V
Maximum repetitive peak forward surge current
IFRM
10
A
Peak forward surge current single sine-wave on rated load
IFSM
45
A
Rating for fusing at TJ = 125 °C (t < 100 ms)
I2t
10
A2s
Minimum series resistor C-load at VRMS = ± 10 %
RT
1.0
2.0
4.0
8.0
12.0
Maximum load capacitance
+ 50 %
- 10 %
CL
5000
2500
1000
500
200
μF
Operating junction temperature range
TJ
-40 to +125
°C
Storage temperature range
TSTG
-40 to +150
°C


Similar Part No. - 800DM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
800D-5 ETC1-800D-5 Datasheet
784Kb / 44P
THERMOPILE TYPE INFRARED SENSOR
More results

Similar Description - 800DM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B40C800DM VISHAY-B40C800DM Datasheet
87Kb / 4P
Glass Passivated Ultrafast Bridge Rectifier
09-Oct-06
EDF1AM VISHAY-EDF1AM Datasheet
95Kb / 4P
Miniature Glass Passivated Ultrafast Bridge Rectifier
14-Jan-08
B40C800DM VISHAY-B40C800DM_08 Datasheet
97Kb / 4P
Glass Passivated Ultrafast Bridge Rectifier
29-May-08
B40C800DM VISHAY-B40C800DM_11 Datasheet
80Kb / 4P
Glass Passivated Ultrafast Bridge Rectifier
19-Aug-11
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP30B VISHAY-FGP30B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
B250C800DM-E345 VISHAY-B250C800DM-E345 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Bridge Rectifier
16-Aug-13
EDF1AM VISHAY-EDF1AM_13 Datasheet
79Kb / 5P
Miniature Glass Passivated Ultrafast Bridge Rectifier
16-Aug-13
B40C800DM VISHAY-B40C800DM_V01 Datasheet
90Kb / 5P
Glass Passivated Ultrafast Bridge Rectifier
03-Sep-2020
EDF1AM VISHAY-EDF1AM_V01 Datasheet
89Kb / 5P
Miniature Glass Passivated Ultrafast Bridge Rectifier
03-Sep-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com