Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6325 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM6325
Description  Reset Circuit with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6325 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM6325 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EM6325
Copyright
© 2005, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
Timing Waveforms
Note 6:
tSEN = Maximum Transient Duration. Please refer to figure on the next page.
Note 7:
Overdrive = VTH -VDD. Please refer to figure on the next page.
Manual Reset Input
A logic low on MR asserts a reset. Reset remains asserted while MR is low, and for tPOR (200ms nominal for EM6325C) after
it returns high. MR has an internal 15k
Ω pull-up resistor, so it can be left open if unused. This input can be driven with
CMOS logic levels or with open-drain outputs. Connect a normally open momentary switch from MR to VSS to create a
manual-reset function; debounce circuitry is integrated. If MR is driven from long cable or the device is used in a noisy
environment, connect a 0.1
μF capacitor from MR to VSS to provide additional noise immunity (stronger external additional
pull-up resistor can also be added).
V
DD
0.8V
V
TH
t
t
logic "1"
logic "0"
t
SEN
t
logic "1"
logic "0"
RESET
t
POR
t
MD
V
HYS
RESET
Overdrive
logic "1"
logic "0"
MR
t
PMD
t
t
POR
t
P



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com