Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6325 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6325
Description  Reset Circuit with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6325 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6325 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EM6325
Copyright
© 2005, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
Reset Circuit with Manual Reset
Description
The EM6325 is an ultra-low current reset circuit available in a
large variety of configurations and very small packages for
maximum flexibility in all end-applications up to 125°C and
using power supplies between 1.5V and 5.5V.
This circuit monitors the supply voltage of any electronic
system, and generates the appropriate reset signal after a
fixed reset timeout period. The threshold defines the
minimum allowed voltage which guarantees the good
functionality of the system. When VDD rises above VTH, the
output remains active for an additional delay time. This
allows the system to stabilize before getting fully active.
This circuit features a Manual Reset: an input that asserts
reset when pulled low ( MR with internal pull-up).
Small SC70-4L, SC70-5L and SOT23-5L packages as well
as ultra-low supply current of 2.9μA make the EM6325 an
ideal choice for portable and battery-operated devices.
Typical Application
V
DD
RESET
GND
RESET
MR
EM6325
V
DD
RESET
GND
RESET
MPU, DSP
V
DD
GND
*
* R
EXT for open-drain version only
Block Diagram
RESET
V
DD
GND
+
-
Voltage
Reference
MR
Reset
Logic
Filter
RESET
Oscillator
Features
Manual reset function
200ms reset timeout period (1.6ms, 25ms, 1600ms on
request)
Ultra-low supply current of 2.9μA (VDD=3.3V)
Operating temperature range: -40°C to +125°C
±1.5% reset threshold accuracy
11 reset threshold voltages VTH: 4.63V, 4.4V, 3.08V,
2.93V, 2.63V, 2.2V, 1.8V, 1.66V, 1.57V, 1.38V, 1.31V
3 reset output options:
Active-low RESET push-pull
Active-low RESET open-drain
Active-high RESET push-pull
Immune to short negative VDD transients
Guaranteed Reset valid down to 0.9V
Threshold hysteresis: 2.1% of VTH
Very small SOT23-5L, SC70-5L and SC70-4L
Applications
Computers
Servers and workstations
Modems
Wireless communication
Metering
Playstations
PDA , Webpad
Automotive systems
Pin Configuration (top view)
SOT23-5 / SC70-5
top view
1
3
2
4
RESET
push-pull / open-drain
GND
RESET
push-pull
V
DD
MR
5
SC70-4
1
2
4
3
V
DD
GND
RESET
(RESET)
MR
top view
Pin Description
Pin
SOT23-5L / SC70-5L
SC70-4L
Name
Function
1
2
RESET
Active-low RESET output. RESET remains low for the reset timeout period and
then goes high after all reset conditions are deasserted or after
MR goes from low
to high
2
1
GND
Ground
3
2
RESET
Active-high RESET output. RESET remains high for the reset timeout period and
then goes low after all reset conditions are deasserted or after MR goes from low to
high
4
3
MR
Manual Reset input with an internal pull-up 15k
Ω resistor. Reset remains active as
long as MR is low and for tPOR after MR returns high. MR can be driven with a
CMOS output or shorted to ground with a switch
5
4
VDD
Supply Voltage (5.5V max.)
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM6325

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6320FP16AS-10L EMLSI-EM6320FP16AS-10L Datasheet
188Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-10LF EMLSI-EM6320FP16AS-10LF Datasheet
188Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70L EMLSI-EM6320FP16AS-70L Datasheet
188Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70LF EMLSI-EM6320FP16AS-70LF Datasheet
188Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AW-55LF EMLSI-EM6320FP16AW-55LF Datasheet
112Kb / 11P
256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6325

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526 Datasheet
223Kb / 10P
MicroPower Supervisory Circuit with Manual Reset
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
Reset Circuits with Manual Reset Input
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
Reset Circuit with Manual Reset and Watchdog
logo
Advanced Analog Technol...
AAT3526 AAT-AAT3526 Datasheet
93Kb / 9P
MicroPower??Supervisory Circuit with Manual Reset
3526.2006.03.1.6
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526_06 Datasheet
93Kb / 9P
MicroPower??Supervisory Circuit with Manual Reset
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
Reset Circuits with Manual Reset Input
logo
Texas Instruments
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
Quad Reset Supervisor with Manual Reset Input
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
Quad Reset Supervisor with Manual Reset Input
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
Micropower Microprocessor Reset Circuit with Manual Reset
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
Reset Circuits with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com