Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB102 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9DB102
Description  2 Output PCI Express Buffer with CLKREQ Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9DB102 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9DB102 Datasheet HTML 1Page - Integrated Circuit Systems ICS9DB102 Datasheet HTML 2Page - Integrated Circuit Systems ICS9DB102 Datasheet HTML 3Page - Integrated Circuit Systems ICS9DB102 Datasheet HTML 4Page - Integrated Circuit Systems ICS9DB102 Datasheet HTML 5Page - Integrated Circuit Systems ICS9DB102 Datasheet HTML 6Page - Integrated Circuit Systems ICS9DB102 Datasheet HTML 7Page - Integrated Circuit Systems ICS9DB102 Datasheet HTML 8Page - Integrated Circuit Systems ICS9DB102 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated
Circuit
Systems, Inc.
ICS9DB102
0852BC—09/12/05
Pin Configuration
Recommended Application:
1-to-2 Zero-delay or fanout buffer for PCI Express
Output Features:
2 - 0.7V current mode differential output pairs (HSCL)
Key Specifications:
Cycle-to-cycle jitter < 35ps
Output-to-output skew < 25 ps
Features/Benefits:
CLKREQ# pin for outputs 1 and 4/output enable for
Express Card applications
PLL or bypass mode/PLL can dejitter incoming clock
Selectable PLL bandwidth/minimizes jitter peaking in
downstream PLL’s
Spread Spectrum Compatible/tracks spreading input
clock for low EMI
SMBus Interface/unused outputs can be disabled
2 Output PCI Express* Buffer with CLKREQ# Function
20-pin SSOP & TSSOP
*Other names and brands may be claimed as the property of others.
PLL_BW 1
20 VDDA
CLK_INT 2
19 GNDA
CLK_INC 3
18 IREF
**CLKREQ0# 4
17 **CLKREQ1#
VDD 516 VDD
GND 6
15 GND
PCIEXT0 714 PCIEXT1
PCIEXC0 813 PCIEXC1
VDD 912 VDD
SMBDAT 10
11 SMBCLK
Note: Pins preceeded by '**' have internal
120K ohm pull down resistors


Similar Part No. - ICS9DB102

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9DB102 IDT-ICS9DB102 Datasheet
232Kb / 13P
2 Output PCI Express Buffer with CLKREQ Function
logo
Renesas Technology Corp
ICS9DB102 RENESAS-ICS9DB102 Datasheet
301Kb / 14P
Two Output Differential Buffer for PCIe Gen1 & Gen2
2019
logo
Integrated Device Techn...
ICS9DB102YFLFT IDT-ICS9DB102YFLFT Datasheet
232Kb / 13P
2 Output PCI Express Buffer with CLKREQ Function
ICS9DB102YGLFT IDT-ICS9DB102YGLFT Datasheet
232Kb / 13P
2 Output PCI Express Buffer with CLKREQ Function
ICS9DB102 IDT-ICS9DB102_10 Datasheet
187Kb / 13P
Two Output Differential Buffer for PCIe Gen1 & Gen2
More results

Similar Description - ICS9DB102

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9DB108 ICST-ICS9DB108 Datasheet
109Kb / 15P
Eight Output Differential Buffer for PCI-Express
ICS9DB104 ICST-ICS9DB104 Datasheet
105Kb / 13P
Four Output Differential Buffer for PCI-Express
ICS9DB106 ICST-ICS9DB106 Datasheet
118Kb / 9P
6 Output PCI Express Buffer with CLKREQ Function
ICS9DB401 ICST-ICS9DB401 Datasheet
163Kb / 16P
Four Output Differential Buffer for PCI Express
logo
Integrated Device Techn...
ICS9DB102 IDT-ICS9DB102 Datasheet
232Kb / 13P
2 Output PCI Express Buffer with CLKREQ Function
ICS9DB401C IDT-ICS9DB401C Datasheet
244Kb / 17P
Four Output Differential Buffer for PCI Express
logo
Renesas Technology Corp
9DB401C RENESAS-9DB401C Datasheet
321Kb / 18P
Four Output Differential Buffer for PCI Express
1/27/11
ICS9DB104 RENESAS-ICS9DB104 Datasheet
326Kb / 15P
Four Output Differential Buffer for PCI-Express
2019
ICS9DB108 RENESAS-ICS9DB108 Datasheet
334Kb / 17P
Eight Output Differential Buffer for PCI-Express
2019
ICS9DBL411A RENESAS-ICS9DBL411A Datasheet
228Kb / 10P
Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com