Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB104 Datasheet (PDF) - Renesas Technology Corp

ICS9DB104 Datasheet PDF - Renesas Technology Corp
Part # ICS9DB104
Download  ICS9DB104 Download
File Size   326.54 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Four Output Differential Buffer for PCI-Express

ICS9DB104 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9DB104 Datasheet PDF - Renesas Technology Corp

Part # ICS9DB104
Download  ICS9DB104 Click to download

File Size   326.54 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Four Output Differential Buffer for PCI-Express

ICS9DB104 Datasheet (HTML) - Renesas Technology Corp


ICS9DB104 Product details

Recommended Application:
DB400 Intel Yellow Cover part with PCI-Express support.
Output Features:
• 4 - 0.7V current-mode differential output pairs
• Supports zero delay buffer mode and fanout mode
• Bandwidth programming available
Key Specifications:
• Outputs cycle-cycle jitter: < 50ps
• Outputs skew: < 50ps
• +/- 300ppm frequency accuracy on output clocks
Features/Benefits:
• Supports tight ppm accuracy clocks for Serial-ATA
• Spread spectrum modulation tolerant, 0 to -0.5% down
spread and +/- 0.25% center spread
• Supports undriven differential output pair in PD# and
SRC_STOP# for power management.




Similar Part No. - ICS9DB104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9DB104 ICST-ICS9DB104 Datasheet
105Kb / 13P
Four Output Differential Buffer for PCI-Express
ICS9DB104YFLFT ICST-ICS9DB104YFLFT Datasheet
105Kb / 13P
Four Output Differential Buffer for PCI-Express
More results


Similar Description - ICS9DB104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9DB108 ICST-ICS9DB108 Datasheet
109Kb / 15P
Eight Output Differential Buffer for PCI-Express
ICS9DB104 ICST-ICS9DB104 Datasheet
105Kb / 13P
Four Output Differential Buffer for PCI-Express
ICS9DB401 ICST-ICS9DB401 Datasheet
163Kb / 16P
Four Output Differential Buffer for PCI Express
logo
Integrated Device Techn...
ICS9DBL411 IDT-ICS9DBL411 Datasheet
82Kb / 9P
Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
ICS9DB801C IDT-ICS9DB801C Datasheet
203Kb / 19P
Eight Output Differential Buffer for PCI Express (50-200MHz)
ICS9DB401C IDT-ICS9DB401C Datasheet
244Kb / 17P
Four Output Differential Buffer for PCI Express
logo
Renesas Technology Corp
9DB401C RENESAS-9DB401C Datasheet
321Kb / 18P
Four Output Differential Buffer for PCI Express
1/27/11
ICS9DB108 RENESAS-ICS9DB108 Datasheet
334Kb / 17P
Eight Output Differential Buffer for PCI-Express
2019
ICS9DB801C RENESAS-ICS9DB801C Datasheet
283Kb / 20P
Eight Output Differential Buffer for PCI Express (50-200MHz)
2019
ICS9DBL411A RENESAS-ICS9DBL411A Datasheet
228Kb / 10P
Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com