Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB104 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS9DB104
Description  Four Output Differential Buffer for PCI-Express
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB104 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS9DB104 Datasheet HTML 3Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 4Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 5Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 6Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 7Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 8Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 9Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 10Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS9DB104
(Not recommended for new designs)
0767E—12/14/07
SMBus Table: Frequency Select Register, READ/WRITE ADDRESS (DC/DD)
Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
RW
driven
Hi-Z
0
Bit 6
RW
driven
Hi-Z
0
Bit 5
RW
X
Bit 4
RW
X
Bit 3
RW
X
Bit 2
RW High BW Low BW
1
Bit 1
RW
fan-out
ZDB
1
Bit 0
RW
div /2
x1
1
SMBus Table: Output Control Register
Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
RW
1
Bit 6
DIF_6
Output
Control
RW
Disable
Enable
1
Bit 5
DIF_5
Output
Control
RW
Disable
Enable
1
Bit 4
RW
1
Bit 3
RW
1
Bit 2
DIF_2
Output
Control
RW
Disable
Enable
1
Bit 1
DIF_1
Output
Control
RW
Disable
Enable
1
Bit 0
RW
1
SMBus Table: Output Control Register
Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
RW
0
Bit 6
DIF_6
Output
Control
RW
Free-run Stoppable
0
Bit 5
DIF_5
Output
Control
RW
Free-run Stoppable
0
Bit 4
RW
0
Bit 3
RW
0
Bit 2
DIF_2
Output
Control
RW
Free-run Stoppable
0
Bit 1
DIF_1
Output
Control
RW
Free-run Stoppable
0
Bit 0
RW
0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
User should write '0'
to minimize power
Reserved
User should write '0'
to minimize power
Reserved
User should write '0'
to minimize power
Reserved
User should write '0'
to minimize power
6,7
-
Reserved
Reserved
20,19
-
-
9,10
-
Byte 2
-
23,22
-
-
9,10
6,7
Byte 1
-
23,22
20,19
-
BYPASS#/PLL
-
SRC_DIV#
-
Reserved
Reserved
-
PLL_BW# adjust
-
Reserved
Reserved
-
Reserved
Reserved
Byte 0
-
PD# drive mode
-
SRC_Stop# drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com