Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB104 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9DB104
Description  Four Output Differential Buffer for PCI-Express
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB104 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9DB104 Datasheet HTML 1Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 2Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 3Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 4Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 5Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 6Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 7Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 8Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS9DB104
(Not recommended for new designs)
0767E—12/14/07
ICS9DB104 follows the Intel DB400 Differential Buffer Specification. This buffer provides four SRC clocks for PCI-Express,
next generation I/O devices. ICS9DB104 is driven by a differential input pair from a CK409/CK410 main clock generator, such
as the ICS952601 or ICS954101. ICS9DB104 can run at speeds up to 200MHz. It provides ouputs meeting tight cycle-to-cycle
jitter (50ps) and output-to-output skew (50ps) requirements.
General Description
Block Diagram
Power Groups
STOP
LOGIC
SRC_IN
SRC_IN#
DIF(1,2,5,6)
CONTROL
LOGIC
HIGH_BW#
BYPASS#/PLL
SDATA
SCLK
SRC_STOP#
PD#
SPREAD
COMPATIBLE
PLL
4
IREF
OE1, OE6
2
VDD
GND
1
4
SRC_IN/SRC_IN#
5,11,18,24
4,25
DIF Outputs
28
27
IREF
28
27
Analog VDD & GND for PLL core
Description
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com