Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB104 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS9DB104
Description  Four Output Differential Buffer for PCI-Express
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB104 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS9DB104 Datasheet HTML 7Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 8Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 9Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 10Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 11Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 12Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 13Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 14Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Integrated
Circuit
Systems, Inc.
ICS9DB104
(Not recommended for new designs)
0767E—12/14/07
MIN
MAX
MIN
MAX
A--
2.00
--
.079
A1
0.05
--
.002
--
A2
1.65
1.85
.065
.073
b
0.22
0.38
.009
.015
c
0.09
0.25
.0035
.010
D
E
7.40
8.20
.291
.323
E1
5.00
5.60
.197
.220
e
L
0.55
0.95
.022
.037
N
α
0°
8°
0°
8°
VARIATIONS
MIN
MAX
MIN
MAX
28
9.90
10.50
.390
.413
10-0033
209 mil SSOP
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS
COMMON DIMENSIONS
SEE VARIATIONS
SEE VARIATIONS
0.65 BASIC
0.0256 BASIC
Reference Doc.: JEDEC Publication 95, MO-150
SEE VARIATIONS
SEE VARIATIONS
N
D mm.
D (inch)
α
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
.10 (.004) C
.10 (.004) C
c
L
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
Ordering Information
ICS9DB104yFLxT
Example:
Designation for tape and reel packaging
LF or LN =
Lead Free, RoHS Compliant (Optional)
Package Type
F = SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 to 7 digit numbers)
Prefix
ICS = Standard Device
ICS XXXX y F Lx T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com