Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17PE-26-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 17PE-26-R
Description  Rack-mounted Power Transducers 17-RACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

17PE-26-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  17PE-26-R Datasheet HTML 1Page - M-System Co.,Ltd. 17PE-26-R Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: 17PE
http://www.m-system.co.jp/
17PE SPECIFICATIONS
ES-2938 Rev.0 Page 1/2
Rack-mounted Power Transducers 17-RACK
PT TRANSMITTER
Functions & Features
• Converting an alternating voltage from a potential
(voltage) transformer into a standard process signal
• Minimum ripple
Typical Applications
• Centralized monitoring and control of power line and
power supply voltage measured at switch boards
• Monitoring abnormal voltage drops for detecting overload
MODEL: 17PE–[1]6-R
ORDERING INFORMATION
• Code number: 17PE-[1]6-R
Specify a code from below for [1].
(e.g. 17PE-56-R)
[1] INPUT
Voltage
1: 0 – 110 V AC
2: 0 – 220 V AC
5: 0 – 150 V AC
6: 0 - 300 V AC
OUTPUT
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
AUXILIARY POWER SUPPLY
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: Connector
Auxiliary power: Supplied from connector
Screw terminal: Nickel-plated steel
Isolation: Input to output to auxiliary power
Input waveform: Up to 15 % of 3rd harmonic content
Overrange output: 0 to 120 %
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Frequency: 50 or 60 Hz
Input burden: 0.5 VA
Overload capacity: 200 % of rating for 10 sec., 120 %
continuous
Operational range: 0 – 120 % of rating
OUTPUT SPECIFICATIONS
150
300V
0
• Operation Diagram (example)
5V
OUT
IN
3
1
INSTALLATION
Auxiliary power supply
Current consumption: Approx. 35 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 40 to 85 % RH (non-condensing)
Mounting: Standard Rack 17BXE
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.4 % (at 23°C ±10°C or 73.4°F ±18°F, 45 – 65
Hz)
Response time: ≤ 1 sec. (0 – 100 % ±1 %)
Ripple: 1 %p-p max.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute (output to
auxiliary power)


Similar Part No. - 17PE-26-R

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
17P TEC-17P Datasheet
662Kb / 2P
Spindle Operated Potentiometers
17P TEC-17P Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Renesas Technology Corp
17P012 RENESAS-17P012 Datasheet
1Mb / 320P
MOS INTEGRATED CIRCUIT
2000
logo
Fairchild Semiconductor
17P10 FAIRCHILD-17P10 Datasheet
676Kb / 9P
100V P-Channel MOSFET
logo
Renesas Technology Corp
17P204 RENESAS-17P204 Datasheet
314Kb / 32P
MOS INTEGRATED CIRCUIT
1992
More results

Similar Description - 17PE-26-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
17AC MSYSTEM-17AC Datasheet
89Kb / 3P
Rack-mounted Power Transducers 17-RACK
17BXE MSYSTEM-17BXE Datasheet
144Kb / 5P
Rack-mounted Power Transducers 17-RACK
17HZ MSYSTEM-17HZ Datasheet
92Kb / 2P
Rack-mounted Power Transducers 17-RACK
17MK MSYSTEM-17MK Datasheet
87Kb / 2P
Rack-mounted Power Transducers 17-RACK
17MS MSYSTEM-17MS Datasheet
87Kb / 2P
Rack-mounted Power Transducers 17-RACK
17PA MSYSTEM-17PA Datasheet
98Kb / 3P
Rack-mounted Power Transducers 17-RACK
17RK MSYSTEM-17RK Datasheet
88Kb / 2P
Rack-mounted Power Transducers 17-RACK
17RP MSYSTEM-17RP Datasheet
107Kb / 3P
Rack-mounted Power Transducers 17-RACK
17TS MSYSTEM-17TS Datasheet
94Kb / 3P
Rack-mounted Power Transducers 17-RACK
17WT MSYSTEM-17WT Datasheet
111Kb / 4P
Rack-mounted Power Transducers 17-RACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com