Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP-2 Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # MP-2
Description  Smoke Gas Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

MP-2 Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  MP-2 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097
Fax: 86-371-60932988
Email: sales@winsensor.com
Basic circuit
Fig2. Test circuit
This circuit shows the basic measuring circuit of sensor. Two voltage should be applied to this
sensor, heating voltage (VH) and test voltage (Vc). VH is used for supplying a certain temperature
which can be DC or AC. VRL the voltage on the load resistance (RL) which connects to the sensor
in series. Vc is supply the test voltage for RL and it must be DC.
Characterization
Fig3.Typical Sensitivity Curve
The ordinate is resistance ratio of the sensor (Rs/R0), the abscissa is
concentration of gases. Rs means resistance in target gas, R0 means resistance of
sensor in clean air. All tests are finished under standard test conditions.
Fig4.Typical temperature/humidity characteristics
The ordinate is resistance ratio of the sensor (Rs/Rso).Rs means resistance
of sensor in 2000ppm C3H8 gas under different tem. and humidity. Rso
means resistance of the sensor in 2000ppm C3H8 gas under 20℃/65%RH.
Air
C3H8
CH4
Smoke
Fig5.Sensing Curve
It shows VRL value when the sensor in C3H8 gas with different concentration.
RL=20kΩ, All tests are finished under standard test conditions.
Fig6.Response and Recovery
It shows the VRL changes when the sensor is put in target
gas (2000ppm C3H8) and then is take from it to clean air.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com