Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP-2 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # MP-2
Description  Smoke Gas Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

MP-2 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  MP-2 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097
Fax: 86-371-60932988
Email: sales@winsensor.com
MP-2 Smoke Gas Sensor
MP-2 model with advanced planar construction is comprised of heater and metal oxide
semiconductor material of subminiature Al2O3 ceramic plate, fetch out electrode down-lead,
encapsulation in metal base and cap. When the target gas exists , the sensor’s conductivity is
more higher along with the gas concentration rising. Please use simple electrocircuit, convert
change of conductivity to correspond output signal of gas concentration.
Features:
*
Good sensitivity to LPG, smoke in wide range
*
Small size
*
Long lifespan
*
Low cost
*
Simple circuit
Application
Domestic smoke leakage alarm, industrial smoke gas alarm and portable smoke detector.
Technical Parameters
n
Fig1.MP-2
Configuration
Model
MP-2
Sensor Type
Flat Surfaced Semiconductor
Standard Encapsulation
Metal Cap
Target Gas
C3H8, smoke
Detection range
200~10000ppm C3H8
Standard Circuit
Conditions
Loop Voltage
Vc
≤10V DC
Heater Voltage
VH
5V±0.1V AC or DC
Load Resistance
RL
Adjustable
Sensor character
under standard
test conditions
Heater Resistance
RH
105Ω±10Ω (room tem.)
Heater consumption
PH
≤240mW
Sensitivity
S
Ro(in air)/Rs( in 2000ppm C3H8)≥3
Output voltage
Vs
2.5V~4.0V (in 2000ppm C3H8)
Concentration Slope
α
≤0.6(R3000ppm/R500ppm C3H8)
Environment
Conditions
Operation Temp.
Tao
-10℃~50℃
Storage Temp.
Tas
-20℃~70℃
Relative Humidity
RH
Less than 95%RH
O2 concentration
O2
21%±1%(can’t less than 18%)
O2 concentration effects sensor’s
performance.
Preheat time
Not less than 48 hours



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com