Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS1021 Datasheet(PDF) 2 Page - International Rectifier

Part # IPS1021
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS1021 Datasheet(HTML) 2 Page - International Rectifier

  IPS1021 Datasheet HTML 1Page - International Rectifier IPS1021 Datasheet HTML 2Page - International Rectifier IPS1021 Datasheet HTML 3Page - International Rectifier IPS1021 Datasheet HTML 4Page - International Rectifier IPS1021 Datasheet HTML 5Page - International Rectifier IPS1021 Datasheet HTML 6Page - International Rectifier IPS1021 Datasheet HTML 7Page - International Rectifier IPS1021 Datasheet HTML 8Page - International Rectifier IPS1021 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IPS1021(S)(R)
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are referenced to Ground lead. (Tambient=25°C unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vds
Maximum drain to source voltage
-0.3
36
V
Vds cont.
Maximum continuous drain to source voltage
-
28
V
Vin
Maximum input voltage
-0.3
6
V
Isd cont.
Max. diode continuous current (limited by thermal dissipation)
⎯
4.5
A
Maximum power dissipation (internally limited by thermal protection)
Rth=5°C/W IPS1021
⎯
25
Rth=40°C/W IPS1021S 1” sqr. footprint
⎯
3.1
W
Pd
Rth=50°C/W IPS1021R 1” sqr. footprint
⎯
2.5
Electrostatic discharge voltage (Human body) C=100pF, R=1500
Ω
Between drain and source
⎯
4
Other combinations
⎯
3
Electrostatic discharge voltage (Machine Model) C=200pF,R=0
Ω
Between drain and source
⎯
0.5
ESD
Other combinations
⎯
0.3
kV
Tj max.
Max. storage & operating temperature junction temperature
-40
150
°C
Tsoldering
Lead soldering temperature (10 seconds)
⎯
300
°C
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient IPS1021 TO-220 free air
50
⎯
Rth2
Thermal resistance junction to case IPS1021 TO-220
2.6
⎯
Rth1
Thermal resistance junction to ambient IPS1021S D²Pak std. footprint
60
⎯
Rth2
Thermal resistance junction to ambient IPS1021S D²Pak 1” sqr. footprint
40
⎯
Rth3
Thermal resistance junction to case IPS1021S D²Pak
2.6
⎯
Rth1
Thermal resistance junction to ambient IPS1021R D-Pak std. footprint
70
⎯
Rth2
Thermal resistance junction to ambient IPS1021R D-Pak 1” sqr. footprint
50
⎯
Rth3
Thermal resistance junction to case IPS1021R D-Pak
2.6
⎯
°C/W
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
VIH
High level input voltage
4.5
5.5
VIL
Low level input voltage
0
0.5
Continuous drain current, Tambient=85°C, Tj=125°C, Vin=5V
Rth=5°C/W IPS1021
⎯
13.5
Rth=40°C/W IPS1021S 1” sqr. footprint
⎯
4.8
Ids
Rth=50°C/W IPS1021R 1” sqr. footprint
⎯
4.3
A
Rin
Recommended resistor in series with IN pin to generate a diagnostic
0.5
10
k
Ω
Max L
Max. recommended load inductance (including line inductance) (1)
⎯
20
µH
Max F
Max. frequency (switching losses = conduction losses)
⎯
500
Hz
Max t rise
Max. input rising time
⎯
1
µs
(1) Higher inductance is possible if maximum load current is limited - see figure 11
www.irf.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com