Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS1021 Datasheet(PDF) 3 Page - International Rectifier

Part # IPS1021
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS1021 Datasheet(HTML) 3 Page - International Rectifier

  IPS1021 Datasheet HTML 1Page - International Rectifier IPS1021 Datasheet HTML 2Page - International Rectifier IPS1021 Datasheet HTML 3Page - International Rectifier IPS1021 Datasheet HTML 4Page - International Rectifier IPS1021 Datasheet HTML 5Page - International Rectifier IPS1021 Datasheet HTML 6Page - International Rectifier IPS1021 Datasheet HTML 7Page - International Rectifier IPS1021 Datasheet HTML 8Page - International Rectifier IPS1021 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IPS1021(S)(R)
Static Electrical Characteristics
Tj=25°C, Vcc=14V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ON state resistance Tj=25°C
⎯
20
25
Rds(on)
ON state resistance Tj=150°C (2)
⎯
38
48
m
Ω
Vin=5V, Ids=8A
Idss1
Drain to source leakage current
⎯
0.1
10
Vcc=14V, Tj=25°C
Idss2
Drain to source leakage current
⎯
0.2
20
µA
Vcc=28V, Tj=25°C
V clamp1
Drain to source clamp voltage 1
36
39
⎯
Id=20mA
V clamp2
Drain to source clamp voltage 2
⎯
40
42
Id=2A
Vin clamp
IN to source pin clamp voltage
5.5
6.5
7.5
Iin=1mA
Vth
Input threshold voltage
⎯
1.7
⎯
V
Id=10mA
Switching Electrical Characteristics
Vcc=14V, Resistive load=1.5
Ω, Rinput=0Ω, Vin=5V, Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tdon
Turn-on delay time to 20%
10
30
100
Tr
Rise time 20% to 80%
10
30
60
Tdoff
Turn-off delay time to 80%
40
150
400
Tf
Fall time 80% to 20%
15
30
60
µs
See figure 2
Eon + Eoff
Turn on and off energy
⎯
2
⎯
mJ
Protection Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tsd
Over temperature threshold
150(2)
165
⎯
°C
See figure 1
Isd
Over current threshold
32
45
58
A
See figure 1
OV
Over voltage protection ( not active when
the device is ON )
34
37
⎯
V
Vreset
IN protection reset threshold
⎯
1.7
⎯
V
Treset
Time to reset protection
15(2)
50
200
µs
Vin=0V
Diagnostic
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Iin, on
ON state IN positive current
15
32
70
Iin, off
OFF state IN positive current
(after protection latched)
150
230
350
µA
Vin=5V
Vin=5V
(2) Guaranteed by design
www.irf.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com