Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZC01 Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZC01
Description  Methane Module for Mine Use
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZC01 Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZC01 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZC01 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZC01 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZC01 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZC01 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
2. Usage Steps
2.1 Insert the module into the socket, cover the shell and twist the screw tightly, connect to DC power
supply, turn on the switch to light up the miner’s lamp.
2.2 When the CH4 concentration gets higher than the preset alarm point, the module can control the lamp
to flicker with alarming; when the CH4 concentration is lower than the preset alarm point, the module can
control the lamp to recovery the normal light status.
3.Calibration
3.1 Zero calibration
Turn on and keep the status for 10 minutes, press the “-” key in the remote control direct to the indicator,
then the zero calibration is finished.
3.2 Set the alarm point
After warming up and zero calibration, flow 1.0%CH4(flow should between 150-160mL/min) into the gas
inlet, press “+”key in the remote control at the same time, then the yellow light begins flicking and it
keeps about for 20 seconds. The calibration finishes once the flicking stops. Then the red light is flicking
and main light begins twinkle, the alarm point is set.
3.3 Check the alarm point
After warming up, flow in 0.90%CH4 gas with 150-160mL/min flow. After the flowing is stability for 20s,
the module shouldn’t alarm and the light doesn’t flicking. If it flicks, it means the preset alarm point is
lower and calibration should be done again; Then flow in 1.0%CH4 gas with 50-160mL/min flow, after the
flowing is stability for 20s, the module should alarm. Otherwise calibration should be done again until it
confirm to the above description.
4 Maintain
4.1 Keep the louver clean and make the gas composition in module and out module same.
4.2 Please do the calibration using recommended gas of coal industry weekly to ensure the good accuracy
of the alarm point.
4.3 Please brush the module surface gently to remove pollutants if required. Do not use acidic or alkaline
cleaning agent.
4.4 If the module is sprinkled with water accidently, please cut the power immediately, and send the



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com