Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZC01 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZC01
Description  Methane Module for Mine Use
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZC01 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZC01 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZC01 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZC01 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZC01 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZC01 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
ZC01 Methane Module for Mine Use
This ZC01 Module adopts high-stability catalytic gas sensor, high-performance micro-computer processor,
and infrared remote adjustment mode, which makes the module with high reliability and simple
debugging. Besides, this module have sensor breakdown warning and zero calibration limit functions,
avoiding module continuous alarm or no alarm because of the broken sensor. When the methane
concentration in air gets higher than the alarm point, it will control the mining lamp to flicker, to remind
the workers to ventilate or evacuate timely. When the methane concentration declines to normal point, it
will control the mining light recovery the normal lighting status, so that the personnel and property safety
is assured and unnecessary loss is avoided.
1.Parameters
1.1Working Conditions
Environment temperature: (0-35)℃
Environment humidity: ≤98%RH
Atmosphere: (80-110)Kpa
H2S content limit: ≤6ppm
1.2Technical Parameters
1.3 Applications
Methane alarm mine lamp, industrial flammable gas leakage detector
Parameters
Unit
Value
NOTE
nominal voltage
V
3.1-5.0
nominal working current
mA
100±10
nominal control voltage
mA
≤110
Alarm point
vol
1.0%
Preset before leaving factory
Alarm error
≤0.1%
CH4 content (0.5-1.0%)
Zero stability
±0.1%CH4
Max zero drift every week
Response time
s
≤20
Flick Frequency
Hz
1±0.2
Rate in air 1:1, CH4 content.0%
2±0.2
Rate in air1:1, CH4 content >1.2%
Power Supply
Output
GND
Sensor
Receiver



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com