Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZP10 Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZP10
Description  Vehicle-Mounted Fuel Gas Leakage Detection Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZP10 Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZP10 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP10 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP10 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP10 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP10 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Pins Definition
Stable 2.
PIN1
GND
PIN2
Output Signal
PIN3
VCC
S is the state output for the module:
In normal working state: Output is 5KHz wave, which occupies 20% ratio.
In failure state: Output is 5KHz wave, which occupies 80% ratio.
In alarm state: Output is 5KHz wave which occupies 50% ratio
Cautions
1 .Following conditions must be prohibited
1.1 Exposed to organic silicon steam
Module will lose sensitivity and never recover if it absorbs organic silicon steam. Module
must avoid exposing to silicon bond, fixature, silicon latex, putty or plastic contain silicon
environment.
1.2 High Corrosive gas
If the module is exposed to high concentration corrosive gas (such as H
2S, SOX, Cl2, HCl
etc.), it will not only result in corrosion of sensor’s heating material and pins, also it
causes sensitivity and performance attenuation.
1.3 Touch water
Sensitivity of the sensors will be reduced when spattered or dipped in water.
1.4 Freezing
Do avoid icing on sensor’s surface, otherwise sensing material will be broken and lost
sensitivity.
2 .Following conditions must be avoided
2.1 Water Condensation
Indoor conditions, slight water condensation will influence sensors’ performance lightly.
However, if water condensation stay on sensing material surface and keep a certain
period, sensors’ sensitive will decrease.
2.2 Used in high gas concentration
No matter the sensor is electrified or not, if it is placed in high gas concentration for long
time, sensors characteristic will be affected. If lighter gas sprays the sensor, it will cause
extremely damage.
2.3 Long time storage
The sensors resistance will drift reversibly if the module is stored for long time without
electrify, this drift is related with storage conditions. Modules should be stored in airproof
bag without volatile silicon compound. For the modules with long time storage but no
electrify, they need long galvanical aging time for stability before using. The suggested
aging time as follow:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com