Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZP10 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZP10
Description  Vehicle-Mounted Fuel Gas Leakage Detection Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZP10 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZP10 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP10 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP10 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP10 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP10 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
ZP10 Vehicle-Mounted Fuel Gas Leakage Detection Module
Features
High sensitivity, wide voltage input, strong anti-jamming capability, good stability and shock
resistance
Applications
It is widely used for complete device development of vehicle-mounted flue gas leak alarm
and combustible gas detection in the vehicle.
Technical Parameters
Stable1
Profile
ZP10 adopts vehicle-mounted semiconductor sensor and
vehicle-mounted micro-processor, which assure the testing
accuracy, and meet the strict temperature requirement in
the vehicle. It is specific designed for fuel gas leak alarm.
The below black base uses automotive-specific socket, with
dedicated waterproof harness connector. There are two
kinds of controller as supporting, Z101 and Z102. Every
controller can connect with to probes, connecting to the
engine and cylinder position through vehicle-mounted
harness. It will detect leakage all the moments to protect
driving safety.
Model
ZP10
Detection Gas
Natural gas, LPG, Manufactured Gas
Detection range
1~25%LEL
Response Time
< 30s
Resume Time
< 30s
Working Voltage
DC 6~42V
Working Current
< 80mA
Output
1 Single Output
Accuracy
±4%LEL( under room temperature)
Expected Life
> 1 year
Working Environment
Temperature:-20~85°C
Humidity:20%~90%RH
Storage Environment
Temperature:-20~70°C
Humidity:20%~90%RH
Size
Φ23×60.5mm
Fig1.Module Structure



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com