Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3603 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3603
Description  Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3603 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3603 Datasheet HTML 3Page - Analog Devices LTC3603 Datasheet HTML 4Page - Analog Devices LTC3603 Datasheet HTML 5Page - Analog Devices LTC3603 Datasheet HTML 6Page - Analog Devices LTC3603 Datasheet HTML 7Page - Analog Devices LTC3603 Datasheet HTML 8Page - Analog Devices LTC3603 Datasheet HTML 9Page - Analog Devices LTC3603 Datasheet HTML 10Page - Analog Devices LTC3603 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC3644/LTC3644-2
7
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
RUN1 (C5): Logic Controlled RUN Input to Channel 1.
Do not leave this pin floating. Logic High activates the
step-down regulator.
RUN2 (F5): Logic Controlled RUN Input to Channel 2.
Do not leave this pin floating. Logic High activates the
step-down regulator.
RUN3 (F2): Logic Controlled RUN Input to Channel 3.
Do not leave this pin floating. Logic High activates the
step-down regulator.
RUN4 (C2): Logic Controlled RUN Input to Channel 4.
Do not leave this pin floating. Logic High activates the
step-down regulator.
SVIN (A5): Signal VIN Pin. This input powers the INTVCC
LDO. May be a different voltage than VIN1, VIN2, VIN3
or VIN4. Connect SVIN to whichever VINX is highest; for
applications where it is not known which VIN is highest,
connect external diode between SVIN to all VINX to ensure
that SVIN is less than a diode drop from the highest VIN.
SW1 (C6): Switch Node Connection to the Inductor of
Channel 1 Step-Down Regulator.
SW2 (D6): Switch Node Connection to the Inductor of
Channel 2 Step-Down Regulator.
SW3 (D1): Switch Node Connection to the Inductor of
Channel 3 Step-Down Regulator.
SW4 (C1): Switch Node Connection to the Inductor of
Channel 4 Step-Down Regulator.
VIN1(B6):InputVoltageofChannel1Step-DownRegulator.
May be a different voltage than other channels’ VIN.
VIN2(E6):InputVoltageofChannel2Step-DownRegulator.
May be a different voltage than other channels’ VIN.
VIN3(E1):InputVoltageofChannel3Step-DownRegulator.
May be a different voltage than other channels’ VIN.
VIN4(B1):InputVoltageofChannel4Step-DownRegulator.
May be a different voltage than other channels’ VIN.
INTVCC (A2): Low Dropout Regulator. Bypass with a low
ESR ceramic cap of at least 4.7µF to ground.
MODE/SYNC (D2): Burst Mode Select and External Clock
Synchronization of the Step-Down Regulator. Tie MODE/
SYNC to INTVCC for Burst Mode operation with a 550mA
peak current clamp. Tie MODE/SYNC to GND for pulse
skipping operation, and tie MODE/SYNC to a voltage
between1VandINTVCC–1.2Vforforcedcontinuousmode.
Furthermore, connecting this pin to an external clock will
synchronize the switch clock to the external clock and put
the part in forced continuous mode.
GND (A3, A4, B3, B4, C3, C4, D3, D4, E3, E4, F3, F4):
Groundbackplaneforpowerandsignalground.Thesepins
must be soldered to PCB ground for electrical contact and
rated thermal performance. Connect all GND pins together
with solid ground plane.
PHASE (D5): Phase Select Pin. Do not leave this pin
floating. Tie this pin to GND to run the regulators in phase
(0 degrees phase shift) between the SW rising edge of
channel 1/2 and channel 3/4. Tie this pin to INTVCC to
set 180 degrees phase shift between channel 1/2 and
channel 3/4. When this pin is high, the phase shift may
also be set by modulating the duty cycle of external clock
on the MODE/SYNC pin (channel 1/2 edge synced to
rising edge of clock, channel 3/4 edge synced to falling
edge of clock). For 5A output configuration, this pin
must be tied to ground. See the Applications Information
section for more details.
PGOOD1 (B5): Open Drain Power Good Indicator for
Channel 1.
PGOOD2 (E5): Open Drain Power Good Indicator for
Channel 2.
PGOOD3 (E2): Open Drain Power Good Indicator for
Channel 3.
PGOOD4 (B2): Open Drain Power Good Indicator for
Channel 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com