Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3603 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3603
Description  Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3603 Datasheet(HTML) 2 Page - Analog Devices

  LTC3603 Datasheet HTML 1Page - Analog Devices LTC3603 Datasheet HTML 2Page - Analog Devices LTC3603 Datasheet HTML 3Page - Analog Devices LTC3603 Datasheet HTML 4Page - Analog Devices LTC3603 Datasheet HTML 5Page - Analog Devices LTC3603 Datasheet HTML 6Page - Analog Devices LTC3603 Datasheet HTML 7Page - Analog Devices LTC3603 Datasheet HTML 8Page - Analog Devices LTC3603 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3644/LTC3644-2
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN1, VIN2, VIN3, VIN4, SVIN.......................... –0.3V to 17V
RUN1, RUN2, RUN3, RUN4
.................–0.3V to SVIN + 0.3V
MODE/SYNC, FB1, FB2, FB3, FB4
....–0.3V to INTVCC + 0.3V
PGOOD1, PGOOD2, PGOOD3, PGOOD4, PHASE
.. –0.3V to 6V
Operating Junction Temperature Range
(Note 2).................................................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Peak Solder Reflow Body Temperature .................260°C
(Note 1)
F
E
A
B
C
D
2
1
4
3
5
6
BGA PACKAGE
36-BALL (5mm × 5mm × 1.72mm)
θJA = 25°C/W
θJA DERIVED FROM LTC3644 DEMO BOARD
θJCtop = 28.9°C/W, θJCbottom = 6.1°C/W
θJCtop AND θJCbottom ARE DETERMINED BY SIMULATION PER
JESD51 CONDITION
TOP VIEW
FB2
FB4
VIN4
SW4
SW3
VIN3
FB3
FB1
VIN1
SW1
SW2
VIN2
SVIN
GND
GND
INTVCC
PGOOD1
GND
GND
PGOOD4
RUN1
GND
GND
RUN4
PHASE
GND
GND
MODE/SYNC
PGOOD2
GND
GND
PGOOD3
RUN2
GND
GND
RUN3
ORDER INFORMATION
PART NUMBER
TERMINAL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTC3644EY#PBF
SAC305(RoHS)
3644Y
e1
BGA
3
–40°C to 125°C
LTC3644IY#PBF
SAC305(RoHS)
3644Y
e1
BGA
3
–40°C to 125°C
LTC3644EY-2#PBF
SAC305(RoHS)
3644Y2
e1
BGA
3
–40°C to 125°C
LTC3644IY-2#PBF
SAC305(RoHS)
3644Y2
e1
BGA
3
–40°C to 125°C
• Device temperature grade is indicated by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• BGA Package and Tray Drawings
• This product is moisture sensitive. For more information, go
to Recommended BGA PCB Assembly and Manufacturing
Procedures.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VINX, SVIN
Operating Voltage
2.7
17
V
VOUT
Output Voltage
0.6
VIN
V
IQ
Input Quiescent Current
Forced Continuous Mode (Note 3)
Burst Mode, No Load
Shutdown Mode; VRUN1 = VRUN2 = VRUN3
= VRUN4 = 0V
5
10
0.1
8
14
1
mA
µA
µA
VFB
Regulated Feedback Voltage
l
0.594
0.6
0.606
V
IFB
FB Input Current
10
nA
Reference Voltage Line Regulation
SVIN = 2.7V to 17V (Note 4)
0.01
0.025
%/V
Output Voltage Load Regulation
(Note 4)
0.1
0.3
%
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). SVIN = VIN1 = VIN2 = VIN3 = VIN4 = 12V, unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com