Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7803 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC7803
Description  40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 34Page - Analog Devices LTC7803 Datasheet HTML 35Page - Analog Devices LTC7803 Datasheet HTML 36Page - Analog Devices LTC7803 Datasheet HTML 37Page - Analog Devices LTC7803 Datasheet HTML 38Page - Analog Devices LTC7803 Datasheet HTML 39Page - Analog Devices LTC7803 Datasheet HTML 40Page - Analog Devices LTC7803 Datasheet HTML 41Page - Analog Devices LTC7803 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
LTC7811
42
Rev. 0
For more information www.analog.com
 
ANALOG DEVICES, INC. 2021
03/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
Figure 12. High Efficiency Wide Input Range 2.25MHz Dual 3.3V/5V Regulator with Spread Spectrum
PART NUMBER DESCRIPTION
COMMENTS
LTC7818
40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost
Synchronous Controller with Spread Spectrum
4.5V ≤ VIN ≤ 40V, IQ = 14µA, 100% Duty Cycle Capable Boost
Buck and Boost VOUT Up to 40V, PLL Fixed Frequency 100kHz to 3MHz
LTC7817
40V Low IQ, 3MHz Triple Output
Buck/Buck/Boost Synchronous Controller
4.5V(Down to 2.5V after Start-up) ≤ VIN ≤ 38V, IQ = 28µA
Buck VOUT Range: 0.8V to 24V, Boost VOUT Up to 60V
LTC7802
40V Low IQ, Dual, 2-Phase
Synchronous Step-Down Controller
4.5V≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 0.99VIN, IQ = 14µA
PLL Fixed Operating Frequency 100kHz to 3MHz
LTC7803
40V Low IQ, 3MHz 100% Duty Cycle Synchronous
Step-Down Controller
4.4V≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 40V, IQ = 12µA
PLL Fixed Operating Frequency 100kHz to 3MHz
LTC7804
40V Low IQ 3MHz Synchronous Boost Controller
100% Duty Cycle Capable
4.5V(Down to 1V after Start-up) ≤ VIN ≤ 40V, VOUT up to 40V, IQ = 14µA
PLL Fixed Frequency 100kHz to 3MHz, 3mm x 3mm QFN-16, MSOP-16E
LTC3859AL
38V Low IQ, Triple Output, Buck/Buck/Boost Synchronous
Controller PLL Fixed Operating Frequency 50kHz to 900kHz
4.5V (Down to 2.5V After Start-Up) ≤ VIN ≤ 38V, IQ = 28μA
Buck VOUT Range: 0.8V to 24V, Boost VOUT Up to 60V
LTC3899
60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous
Controller PLL Fixed Operating Frequency 50kHz to 900kHz
4.5V (Down to 2.2V After Start-Up) ≤ VIN ≤ 60V, IQ = 28μA
Buck & Boost VOUT Up to 60V
LTC7801
150V Low IQ, Synchronous Step-Down DC/DC Controller
with 100% Duty Cycle
4V ≤ VIN ≤ 150V, 0.8V ≤ VOUT ≤ 60V, IQ = 40µA
PLL Fixed Frequency 50kHz to 900kHz
LTC3892
60V Low IQ, Dual 2-Phase Synchronous Step-Down
Controller with Adjustable Gate Drive Voltage
4.5V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 0.99VIN, IQ = 50μA
PLL Fixed Frequency 50kHz to 900kHz
1nF
L3
0.16µH
2m
10µF
0.1µF
3m
100
4.7µF
x4
150µF
10µF
68µF
50V
0.1µF
5m
357k
68.1k
7811 TA07
10µF
47pF
68.1k
4.7µF
D2
D1
220pF
6.8nF
7.68k
47pF
2.2nF
12.4k
47pF
680pF
9.3k
1nF
0.1µF
0.1µF
0.1µF
220µF
63V
215k
75
L1
0.16µH
L2
0.33µH
D3
x2
1V TO 38V*
(>5V START-UP)
LTC7811
VBIAS
BG3
SENSE3+
VFB3
ITH1
SENSE3–
SW1
BG1
TG1
BOOST1
SENSE1+
VFB1
SENSE1–
VIN
VOUT1
3.3V / 10A
VOUT3
8V WHEN VIN<8V
FOLLOWS VIN WHEN VIN>8V
SW2
BG2
TG2
BOOST2
SENSE2+
VFB2
SENSE2–
EXTVCC
VOUT2
5V/7A
INTVCC
FREQ
PLLIN/SPREAD
VOUT3
MODE
VPRG3
BATTSNS
BATTGOOD
GND
INTVCC
INTVCC
RUN1 RUN2 RUN3
TRACK/SS1
TRACK/SS2
SS3
ITH2
ITH3
INTVCC
x2
4V
x3
PGOOD1
MTOP1,2: VISHAY SiR836DP
MBOT1,2: VISHAY SiR836DP
MBOT3: VISHAY SiR640DP
D3: ON SEMI MBR1240MFS
D1,2: CENTRAL SEMI CMDSH-4E
MTOP1
x2
MBOT1
MTOP2
MBOT2
MBOT3
L1,3: COILCRAFT XAL5030-161ME
L2: COILCRAFT XAL5030-331ME
CIN: SUNCON 63CE220LX
COUT1: KEMET T520B157M004ATE015
COUT3: PANASONIC 50SVPF68M
COUT2: KEMET T520B107M006APE070
* WHEN VIN < 4V, MAXIMUM COMBINED LOAD CURRENT AVAILABLE IS REDUCED
* OUTPUT CURRENT CAPABILITY AT HIGH INPUT VOLTAGES MAY BE LIMITED BY THE THERMAL
CHARACTERISTICS OF THE OVERALL SYSTEM AND PRINTED CIRCUIT BOARD DESIGN
CIN
COUT3
COUT1
fSW=2.25MHz
IMON3
1nF
COUT2
100µF
6.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com