Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7803 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC7803
Description  40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 20Page - Analog Devices LTC7803 Datasheet HTML 21Page - Analog Devices LTC7803 Datasheet HTML 22Page - Analog Devices LTC7803 Datasheet HTML 23Page - Analog Devices LTC7803 Datasheet HTML 24Page - Analog Devices LTC7803 Datasheet HTML 25Page - Analog Devices LTC7803 Datasheet HTML 26Page - Analog Devices LTC7803 Datasheet HTML 27Page - Analog Devices LTC7803 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
LTC7811
24
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
In forced continuous mode, the inductor current is
allowed to reverse on the buck channels at light loads
and switches at the same frequency regardless of load.
In this mode, the efficiency at light loads is considerably
lower than in Burst Mode operation. However, continu-
ous operation has the advantage of lower output voltage
ripple and less interference to audio circuitry. In forced
continuous mode, the output ripple is independent of load
current for the buck channels. The inductor current for
the boost channel cannot reverse since it does not have
a synchronous switch and therefore always operates in
discontinuous operation at light load.
In pulse-skipping mode, constant frequency operation
is maintained down to approximately 1% of designed
maximum output current. At very light loads, the PWM
comparator may remain tripped for several cycles and
force the main switch (top MOSFET for the bucks, bottom
MOSFET for the boost) to stay off for the same number of
cycles (i.e., skipping pulses). The inductor current is not
allowed to reverse (discontinuous operation). This mode,
like forced continuous operation, exhibits low output rip-
ple as well as low audio noise and reduced RF interference
as compared to Burst Mode operation. It provides higher
light load efficiency than forced continuous mode, but not
nearly as high as Burst Mode operation. Consequently,
pulse-skipping mode represents a compromise between
light load efficiency, output ripple and EMI.
In some applications, it may be desirable to change light
load operating mode based on the conditions present in
the system. For example, if a system is inactive, one might
select high efficiency Burst Mode operation by keeping the
MODE pin set to 0V. When the system wakes, one might
send an external clock to PLLIN/SPREAD, or tie MODE to
INTVCC to switch to low noise forced continuous mode.
Such on-the-fly mode changes can allow an individual
application to benefit from the advantages of each light
load operating mode.
Power MOSFET Selection
External power MOSFETs must be selected for each con-
troller in the LTC7811: N-channel MOSFETs for the buck
top main switches, and N-channel MOSFETs for the bot-
tom switches (main switch for the boost, synchronous
for the buck).
The peak-to-peak gate drive levels are set by the INTVCC
regulation point of 5.1V. Consequently, logic level thresh-
old MOSFETs must be used in most applications. Pay
close attention to the BVDSS specification for the MOSFETs
as well; many of the logic level MOSFETs are limited to
30V or less.
Selection criteria for the power MOSFETs include the on
resistance RDS(ON), Miller capacitance CMILLER, input volt-
age and maximum output current. Miller capacitance,
CMILLER, can be approximated from the gate charge
curve usually provided on the MOSFET manufacturers’
data sheet. CMILLER is equal to the increase in gate charge
along the horizontal axis while the curve is approximately
flat divided by the specified change in VDS. This result is
then multiplied by the ratio of the application applied VDS
to the gate charge curve specified VDS. When the IC is
operating in continuous mode the duty cycles for the top
and bottom MOSFETs are given by:
Buck Main Switch Duty Cycle =
VOUT
VIN
Buck Sync Switch Duty Cycle =
VIN − VOUT
VIN
Boost Main Switch Duty Cycle =
VOUT − VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com