Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4367 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4367
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 1 Page - Analog Devices

  LTC4367 Datasheet HTML 1Page - Analog Devices LTC4367 Datasheet HTML 2Page - Analog Devices LTC4367 Datasheet HTML 3Page - Analog Devices LTC4367 Datasheet HTML 4Page - Analog Devices LTC4367 Datasheet HTML 5Page - Analog Devices LTC4367 Datasheet HTML 6Page - Analog Devices LTC4367 Datasheet HTML 7Page - Analog Devices LTC4367 Datasheet HTML 8Page - Analog Devices LTC4367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC4381
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Low Quiescent Current Surge
Stopper with 9mΩ MOSFET
The LTC®4381 is an integrated solution for low quiescent
current surge stopper applications that protect loads from
high voltage transients. Overvoltage protection is pro-
vided by clamping the gate voltage of an internal 9mΩ
N-channel MOSFET to limit the output voltage to a safe
value during overvoltage events such as load dump in
automobiles. The MOSFET safe operating area is pro-
duction tested and guaranteed for the stresses during
high voltage transients. Fixed output clamp voltages are
selectable for 12V and 24V/28V systems. For systems of
any voltage up to 80V, use the adjustable clamp versions.
Overcurrent protection is also provided. An internal mul-
tiplier generates a TMR pin current proportional to VDS
and ID, so that operating time in both overcurrent and
overvoltage conditions is limited in accordance with
MOSFET stress.
The GATE pin can drive back-to-back MOSFETs for
reverse input protection, eliminating the voltage drop
and dissipation of a Schottky diode solution. A low 6µA
operating current permits use in always-on and battery
powered applications.
12V System with 100V/0.5A/400ms Load Dump Overvoltage Protection
12V, 0.5A with 100V Overvoltage Protection
APPLICATIONS
n
Withstands Surge Voltages Up to 100V
n
Internal 9mΩ N-Channel MOSFET
n
Guaranteed Safe Operating Area: 20ms at 70V, 1A
n
Low Quiescent Current: 6µA Operating
n
Operates Through Automobile Cold Crank
n
Wide Operating Voltage Range: 4V to 72V
n
Overcurrent Protection
n
Selectable Internal 28.5V/47V or Adjustable Output
Clamp Voltage (Table 1)
n
Reverse Input Protection to –60V
n
Adjustable Turn-On Threshold
n
Adjustable Fault Timer with MOSFET Stress
Acceleration
n
Latchoff and Retry Options (Table 1)
n
Low Retry Duty Cycle During Faults (Table 1)
n
32-Lead DFN (7mm × 5mm) Package
n
Automotive 12V, 24V and 48V System
n
Avionic/Industrial Surge Protection
n
Hot Swap/Live Insertion
n
High Side Switch for Battery Powered Systems
n
Automotive Load Dump Protection
All registered trademarks and trademarks are the property of their respective owners.
100V INPUT SURGE
100ms/DIV
VOUT
20V/DIV
VIN
20V/DIV
4381 TA01b
12V
12V
ILOAD = 0.5A
4381 TA01a
200k
20k
0.1µF
68V
10µF
80m
33
47nF
10
22µF
IN
DRN
ON
VCC
SEL
GND
TMR
SRC
SNS
OUT
LTC4381-2
GATE
GFET
CMHZ5266B
12V/0.5A
OUTPUT
CLAMPED
AT 28.5V
VIN
12V
(100VPK)
FLT


Similar Part No. - LTC4367

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4367 LINER-LTC4367 Datasheet
320Kb / 6P
100V Overvoltage, Undervoltage and Reverse Supply Protection Controller
logo
Analog Devices
LTC4367 AD-LTC4367 Datasheet
1Mb / 22P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
06/19-REV.B
LTC4367 AD-LTC4367 Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
03/20-REV.E
LTC4367 AD-LTC4367 Datasheet
1Mb / 22P
65V Dual Electronic Circuit Breaker with Current Monitors
LTC4367 AD-LTC4367 Datasheet
1Mb / 32P
140V High Efficiency Switching Surge Stopper
More results

Similar Description - LTC4367

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
Surge Stopper
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
Surge Stopper
LT4363 LINER-LT4363_15 Datasheet
254Kb / 24P
High Voltage Surge Stopper with Current Limit
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
Surge Stopper
logo
Linear Technology
LT4363-1 LINER-LT4363-1 Datasheet
399Kb / 8P
High Voltage Surge Stopper with Current Limit
LTC4380 LINER-LTC4380 Datasheet
281Kb / 6P
Low Quiescent Current Surge Stopper
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
Surge Stopper
01/20-REV.C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com