Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8049 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM8049
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8049 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM8049 Datasheet HTML 7Page - Analog Devices LTM8049 Datasheet HTML 8Page - Analog Devices LTM8049 Datasheet HTML 9Page - Analog Devices LTM8049 Datasheet HTML 10Page - Analog Devices LTM8049 Datasheet HTML 11Page - Analog Devices LTM8049 Datasheet HTML 12Page - Analog Devices LTM8049 Datasheet HTML 13Page - Analog Devices LTM8049 Datasheet HTML 14Page - Analog Devices LTM8049 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
LTM4655
11
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS TA = 25°C, single channel positive-VOUTn+
operation only, unless otherwise noted.
Start-Up, No Load
Start-Up, 4A Load
Start-Up, Pre-Bias
Short Circuit, No Load
Short Circuit, 4A Load
2ms/DIV
RUN
n
2V/DIV
PGOOD
n
2V/DIV
VOUTn+
5V/DIV
4655 G07
FIGURE 51 CIRCUIT, 36VIN,
CINHn = CDn = 4.7µF, COUTn = 2 x 22µF,
RfSETn = 124k, RISETn = 240k,
RPGDFBn = 95.3k,
CTHn = 10nF, RTHn = 562,
REXTVCCn = 49.9, CEXTVCCn = 1µF,
NO LOAD
2ms/DIV
RUN
n
2V/DIV
PGOOD
n
2V/DIV
VOUTn+
5V/DIV
4655 G08
FIGURE 51 CIRCUIT, 36VIN,
CINHn = CDn = 4.7µF, COUTn = 2 x 22µF,
RfSETn = 124k, RISETn = 240k,
RPGDFBn = 95.3k,
CTHn = 10nF, RTHn = 562,
REXTVCCn = 49.9, CEXTVCCn = 1µF,
3 RESISTIVE LOAD
2ms/DIV
RUN
n
2V/DIV
PGOOD
n
2V/DIV
VOUTn+
5V/DIV
IDIODEn
1mA/DIV
4655 G09
FIGURE 51 CIRCUIT, 36VIN,
CINHn = CDn = 4.7µF, COUTn = 2 x 22µF,
RfSETn = 124k, RISETn = 240k,
RPGDFBn = 95.3k,
CTHn = 10nF, RTHn = 562,
REXTVCCn = 49.9, CEXTVCCn = 1µF,
VOUTn+ PRE-BIASED TO 5V
THROUGH 1N4148 DIODE
10µs/DIV
VOUTn+
5V/DIV
IINn
1A/DIV
4655 G10
FIGURE 51 CIRCUIT, 36VIN,
CINHn = CDn = 4.7µF, COUTn = 2 x 22µF,
RfSETn = 124k, RISETn = 240k,
RPGDFBn = 95.3k,
CTHn = 10nF, RTHn = 562,
REXTVCCn = 49.9, CEXTVCCn = 1µF,
NO LOAD PRIOR TO APPLICATION
OF OUTPUT SHORT-CIRCUIT
10µs/DIV
VOUTn+
5V/DIV
IINn
1A/DIV
4655 G11
FIGURE 51 CIRCUIT, 36VIN,
CINHn = CDn = 4.7µF, COUTn = 2 x 22µF,
RfSETn = 124k, RISETn = 240k,
RPGDFBn = 95.3k,
CTHn = 10nF, RTHn = 562,
REXTVCCn = 49.9, CEXTVCCn = 1µF,
4 RESISTIVE LOAD PRIOR TO
APPLICATION OF OUTPUT
SHORT-CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com