Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8049 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM8049
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8049 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM8049 Datasheet HTML 9Page - Analog Devices LTM8049 Datasheet HTML 10Page - Analog Devices LTM8049 Datasheet HTML 11Page - Analog Devices LTM8049 Datasheet HTML 12Page - Analog Devices LTM8049 Datasheet HTML 13Page - Analog Devices LTM8049 Datasheet HTML 14Page - Analog Devices LTM8049 Datasheet HTML 15Page - Analog Devices LTM8049 Datasheet HTML 16Page - Analog Devices LTM8049 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
LTM4655
13
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS TA = 25°C, single channel negative-VOUTn–
operation only, unless otherwise noted.
Start-Up, Pre-Bias
Short Circuit, No Load
Short Circuit, 1.25A Load
–24V Transient Response, 12VIN
Start-Up, No Load
Start-Up, 1.25A Load
–5V Transient Response, 24VIN
FIGURE 48 CIRCUIT, 24VIN,
CINOUTn = CINHn = CDGNDn = CDn = 4.7F,
COUTn = 47F ×2, RfSETn = 665k,
RISETn = 100k, RPGDFBn = 36.5k,
REXTVCCn = 20, 1.8A TO 3.8A LOAD STEP AT 2A/s
40s/DIV
VOUTn–
100mV/DIV
AC-COUPLED
IOUTn–
1A/DIV
4655 G19
FIGURE 48 CIRCUIT,
0.625A TO 1.25A LOAD STEP AT 0.625A/s
20s/DIV
VOUTn–
100mV/DIV
AC-COUPLED
IOUTn–
0.4A/DIV
4655 G20
FIGURE 48 CIRCUIT, APPLICATION OF 12VIN,
START-UP INTO NO LOAD
1ms/DIV
VINn
5V/DIV
RUN
n
2V/DIV
PGOOD
n
5V/DIV
VOUTn–
10V/DIV
4655 G21
FIGURE 48 CIRCUIT, APPLICATION OF 12VIN,
START-UP INTO 19.2Ω LOAD
1ms/DIV
VINn
5V/DIV
IOUTn–
500mA/DIV
PGOOD
n
5V/DIV
VOUTn–
10V/DIV
4655 G22
FIGURE 48 CIRCUIT, VOUTn– PRE-BIASED
TO –5V THROUGH A 1N4148 DIODE PRIOR
TO RUN
n TOGGLING HIGH
1ms/DIV
VOUTn–
10V/DIV
RUN
n
2V/DIV
PGOOD
n
2V/DIV
IDIODEn
100mA/DIV
4655 G23
FIGURE 48 CIRCUIT,
NO LOAD PRIOR TO APPLICATION OF
VOUTn– SHORT-CIRCUIT
10s/DIV
VOUTn–
10V/DIV
IINn
10A/DIV
4655 G24
FIGURE 48 CIRCUIT,
19.2 LOAD PRIOR TO APPLICATION OF
VOUTn– SHORT-CIRCUIT
10s/DIV
VOUTn–
10V/DIV
IINn
10A/DIV
4655 G25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com