Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT04 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ACT04
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT04 Datasheet(HTML) 1 Page - Silicon Supplies

  74ACT04 Datasheet HTML 1Page - Silicon Supplies 74ACT04 Datasheet HTML 2Page - Silicon Supplies 74ACT04 Datasheet HTML 3Page - Silicon Supplies 74ACT04 Datasheet HTML 4Page - Silicon Supplies 74ACT04 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced CMOS TTL Input – 74ACT04
Hex Inverter Gate with LSTTL compatible inputs in bare die form
Rev 1.1
08/03/21
Inputs directly accept TTL
Outputs directly interface CMOS, NMOS and TTL
Outputs Source/Sink 24 mA
Low Input Current: 1µA
Die Size (Unsawn)
1300 x 1450
51 x 57
µm
mils
Minimum Bond Pad Size
130 x 130
5.12 x 5.12
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Functionally compatible with bipolar 74LS04
Lower power alternative to bipolar logic.
Features:
Ordering Information
The 74ACT04 hex inverter gate is fabricated on a 1.5µm
advanced 5V CMOS process combining high speed
LSTTL performance with CMOS low power. The device
contains six independent inverters which perform the
Boolean function Y = Ᾱ. Internal circuitry comprises of
three stages and includes buffered output for high noise
immunity and stability. Inputs are directly compatible
with both standard TTL and CMOS outputs. All inputs
are protected against ESD and excess voltage
transients
Description
Die Dimensions in µm (mils)
The following part suffixes apply:
1300 (51)
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54ACT04
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 5
www.siliconsupplies.com


Similar Part No. - 74ACT04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT04 STMICROELECTRONICS-74ACT04 Datasheet
66Kb / 7P
HEX INVERTER
Apr-1997
logo
Fairchild Semiconductor
74ACT04 FAIRCHILD-74ACT04 Datasheet
104Kb / 8P
Hex Inverter
74ACT04 FAIRCHILD-74ACT04 Datasheet
305Kb / 10P
Hex Inverter
74ACT04 FAIRCHILD-74ACT04 Datasheet
306Kb / 10P
Hex Inverter
74ACT04 FAIRCHILD-74ACT04 Datasheet
306Kb / 10P
Hex Inverter
More results

Similar Description - 74ACT04

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com