Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC202PC2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JC202PC2
Description  AC Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JC202PC2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JC202PC2 Datasheet HTML 1Page - List of Unclassifed Manufacturers JC202PC2 Datasheet HTML 2Page - List of Unclassifed Manufacturers JC202PC2 Datasheet HTML 3Page - List of Unclassifed Manufacturers JC202PC2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
46
Tope Co., Ltd.
Tel: (02) 8228-0658
Fax: (02) 8228-0659
http://www.sensor.com.tw e-mail: tope@ms1.hinet.net
※本カタログの掲載内容については改良等の為変更する場合があります。ご使用に際しては、納入仕様書等でご確認ください。
※不明な点は弊社までお問い合わせください。
JC202
JCP
®
-20
0
20
40
60
80
100
2.0
1.0
0
負荷電流特性
周囲温度〔℃〕
Ambient Temperature
Maximum Load Current VS
Ambient Temperature
最
大
負
荷
電
流
〔Arms〕
特 長
負荷電流特性
●
小型、スリム樹脂モールドタイプ
●
最大負荷電流 1.7A
●
プリント基板高密度実装可
●
入出力間絶縁耐圧 2,500V 1 分間
●
海外安全規格
UL
取得品
JC202PC2
ゼロクロス回路
PC :ゼロクロスあり
PN :ゼロクロスなし
基準電源電圧
2 : 100V、200V ライン
最大負荷電流
0.2:1.7A
特殊機能、その他
無記号:入力抵抗、スナバ回路なし
1 :スナバ回路なし
2 :入力抵抗、スナバ回路あり
型式構成
SERIES
AC Solid State Relay


Similar Part No. - JC202PC2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JC201 ETC-JC201 Datasheet
80Kb / 6P
AC Solid State Relay
JC201DC ETC-JC201DC Datasheet
80Kb / 6P
AC Solid State Relay
JC201DN ETC-JC201DN Datasheet
80Kb / 6P
AC Solid State Relay
JC208C ETC1-JC208C Datasheet
137Kb / 6P
AC Solid State Relay
JC208N ETC1-JC208N Datasheet
137Kb / 6P
AC Solid State Relay
More results

Similar Description - JC202PC2

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y Datasheet
122Kb / 4P
AC Solid State Relay
CPC1965G CLARE-CPC1965G Datasheet
121Kb / 4P
AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
AC SOLID STATE RELAY
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
AC Solid State Relay
logo
Clare, Inc.
CPC1945G CLARE-CPC1945G_1 Datasheet
93Kb / 4P
AC Solid State Relay
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
AC Solid State Relay
CPC1961 CLARE-CPC1961 Datasheet
115Kb / 6P
AC Solid State Relay
logo
Solid State Optronic
STR8042 SSOUSA-STR8042 Datasheet
373Kb / 8P
AC Solid State Relay
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
AC Solid State Relay
logo
Willow Technologies Ltd
SERIESCA WILLOW-SERIESCA Datasheet
182Kb / 4P
AC Solid-State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com