Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3005LAB1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M3005LAB1
Description  REMOTE CONTROL TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3005LAB1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M3005LAB1 Datasheet HTML 2Page - STMicroelectronics M3005LAB1 Datasheet HTML 3Page - STMicroelectronics M3005LAB1 Datasheet HTML 4Page - STMicroelectronics M3005LAB1 Datasheet HTML 5Page - STMicroelectronics M3005LAB1 Datasheet HTML 6Page - STMicroelectronics M3005LAB1 Datasheet HTML 7Page - STMicroelectronics M3005LAB1 Datasheet HTML 8Page - STMicroelectronics M3005LAB1 Datasheet HTML 9Page - STMicroelectronics M3005LAB1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ELECTRICAL CHARACTERISTICS
VSS = 0V, TA =25
oC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CONTROL INPUT ADRM
VIL
Input Voltage Low
0.3 x VDD
V
VIH
Input Voltage High
0.7 x VDD
V
IIL
Input Current Low
(switched P and N
channel pull-up/pull down)
Pull-up Act. Oper. Condition, VIN =VSS
VDD =2V
VDD = 6.5V
10
100
100
600
µA
µA
IIH
Input Current High
(switched P and N
channel pull-up/pull down)
Pull-down Act. Stand-by Cond.,VIN =VDD
VDD =2V
VDD = 6.5V
10
100
100
600
µA
µA
DATA OUTPUT REMO
-IOH
Output Current High
VDD =2V, VOH = 0.8V
VDD = 6.5V, VOH =5V
60
80
mA
mA
IOL
Output Current Low
VDD =2V, VOL = 0.4V
VDD = 6.5V, VOL = 0.4V
0.6
0.6
mA
mA
tMH/tOSC
Pulse Duty Cycle
During Carrier Mode
0.4
0.5
0.6
tOH
Pulse Length
VDD = 6.5V, Oscill. Stopped
1
mS
OSCILLATOR
II
Input Current
VDD =2V
VDD = 6.5V, OSC1 at VDD
5
5
7
µA
µA
VOH
Output Voltage high
VDD = 6.5V, - IOL = 0.1mA
VDD - 0.8
V
VOL
Output Voltage Low
VDD = 6.5V, IOH = 0.1mA
0.7
V
1
V
REMO
DD
V
SS
SEN0N
SEN1N
SEN2N
SEN5N
SEN6N
ADRM
OSCI
OSCO
M3005LAB1
M3005LD
20
10
911
12
13
14
15
16
17
18
19
3
SEN3N*
SEN4N*
8
7
6
5
4
2
0
8
16
24
32
40
48
56
7
15
23
31
39
47
55
63
Figure 1 : Typical Application
M3005LAB1 - M3005LD
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com