Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3005LAB1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M3005LAB1
Description  REMOTE CONTROL TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3005LAB1 Datasheet(HTML) 1 Page - STMicroelectronics

  M3005LAB1 Datasheet HTML 1Page - STMicroelectronics M3005LAB1 Datasheet HTML 2Page - STMicroelectronics M3005LAB1 Datasheet HTML 3Page - STMicroelectronics M3005LAB1 Datasheet HTML 4Page - STMicroelectronics M3005LAB1 Datasheet HTML 5Page - STMicroelectronics M3005LAB1 Datasheet HTML 6Page - STMicroelectronics M3005LAB1 Datasheet HTML 7Page - STMicroelectronics M3005LAB1 Datasheet HTML 8Page - STMicroelectronics M3005LAB1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
M3005LAB1
M3005LD
REMOTE CONTROL TRANSMITTER
June 1992
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
REMO
SEN 6N
SEN 5N
SEN 4N
SEN 3N
SEN 2N
SEN 1N
SEN 0N
ADRM
VDD
VSS
DRV 6N
DRV 6N
DRV 6N
DRV 6N
DRV 6N
DRV 6N
DRV 6N
OSC OUT
OSC IN
PIN CONNECTIONS
DIP20
(Plastic Package)
ORDER CODE : M3005LAB1
.
FLASHED OR MODULATED TRANSMISSION
.
7 SUB-SYSTEM ADDRESSES
.
UP TO 64 COMMANDS PER SUB-SYSTEM
ADDRESS
.
HIGH-CURRENT
REMOTE
OUTPUT
AT
VDD =6V(– IOH = 80mA)
.
LOW NUMBER OF ADDITIONAL COMPO-
NENTS
.
KEY RELEASE DETECTION BY TOGGLE
BITS
.
VERY LOW STAND-BY CURRENT (< 2
µA)
.
OPERATIONAL CURRENT < 1mA AT 6V
SUPPLY
.
SUPPLY VOLTAGE RANGE 2 TO 6.5V
.
CERAMIC
RESONATOR
CONTROLLED
FREQUENCY (typ. 450kHz)
DESCRIPTION
The M3005LAB1/M3005LD transmitter IC are de-
signed for infrared remote control systems. It has
a total of 448 commands which are divided into 7
sub-system groups with 64 commands each. The
sub-system code may be selected by a press but-
ton, a slider switch or hard wired.
The M3005LAB1/M3005LD generate the pattern
for driving the output stage. These patterns are
pulse distance coded. The pulses are infrared
flashes or modulated. The transmission mode is
defined in conjunction with the sub-system ad-
dress. Modulated pulses allow receivers with nar-
row-band preamplifiers for improved noise
rejection to be used. Flashed pulses require a
wide-band preamplifier within the receiver.
SO20
(Plastic Package)
ORDER CODE : M3005LD
1/10


Similar Part No. - M3005LAB1

ManufacturerPart #DatasheetDescription
logo
NEC
M300 NEC-M300 Datasheet
399Kb / 2P
Disk array
logo
Advanced Energy Industr...
M300 ADVANCEDENERGY-M300 Datasheet
546Kb / 4P
MIKRON M300
logo
Zortrax
M300 ZORTRAX-M300 Datasheet
7Mb / 6P
Zortrax M300 Plus
M300 PLUS ZORTRAX-M300 PLUS Datasheet
7Mb / 6P
Zortrax M300 Plus
logo
Harwin Plc
M300-0010045 HARWIN-M300-0010045 Datasheet
73Kb / 1P
1mm CRIMP LARGE BORE SOCKET ASSEMBLY
More results

Similar Description - M3005LAB1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
Remote control transmitter
August 1982
logo
STMicroelectronics
M3004LAB1 STMICROELECTRONICS-M3004LAB1 Datasheet
105Kb / 10P
REMOTE CONTROL TRANSMITTER
Jun-1992
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
Infrared Remote Control Transmitter???
PT2243 PTC-PT2243 Datasheet
344Kb / 3P
Remote Control Transmitter
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
REMOTE CONTROL TRANSMITTER
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
REMOTE CONTROL TRANSMITTER
logo
STMicroelectronics
M3004LD STMICROELECTRONICS-M3004LD Datasheet
336Kb / 14P
REMOTE CONTROL TRANSMITTER
28-Jun-2004
logo
Princeton Technology Co...
PT2462 PTC-PT2462_10 Datasheet
448Kb / 12P
Remote Control Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com