Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17C724 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC17C724
Description  0.4 A Dual H-Bridge Motor Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17C724 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC17C724 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17C724 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17C724 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17C724 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17C724 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17C724 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17C724 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17C724 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC17C724 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
17C724
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 17C724 is a monolithic dual H-Bridge that is ideal in
portable electronic applications to control bipolar step motors
and brush DC motors such as those used in camera lens and
shutters. The 17C724 can operate efficiently with supply
voltages as low as 2.7 V to as high as 5.5 V, and provide
continuous motor drive currents of 0.4 A while handling peak
currents up to 0.8 A. It is easily interfaced to low-cost MCUs
via parallel 3.0 V- or 5.0 V-compatible logic. The device can
be pulse width modulated (PWM’ed) at up to 200 kHz.
The 17C724 can drive two motors simultaneously (see
Figure 6), or it can drive one bipolar step motor as shown in
the simplified application diagram on page 1. Dual channel
parallel drive is also possible if higher current drive is desired
(0.8 A). Two-motor operation is accomplished by hooking
one motor between OUT1A and OUT1B, and the other motor
between OUT2A and OUT2B.
This IC has a built-in shoot-through current protection
circuit and undervoltage detector to avoid malfunction. It also
allows for power-conserving Sleep mode by the setting of the
PSAVE terminal (refer to Table 5, Truth Table, page 7).
The device features four operating modes: Forward,
Reverse, Brake, and Tri-Stated (High Impedance).
FUNCTIONAL TERMINAL DESCRIPTION
LOGIC CIRCUIT POWER SUPPLY (VDD)
The VDD terminal carries the power source connection to
the control (logic) circuit, and its input range is between 2.7 V
to 5.5 V (3.0 V and 5.0 V compatible). VDD has an
undervoltage threshold. If the supply voltage to VDD drops
below 2.0 V (typical), then all the output of H-Bridges
(OUT1A, OUT1B, OUT2A, OUT2B) will become open (high
impedance = Z). When the supply voltage returns to a level
that is above the threshold voltage the H-Bridge outputs
automatically resume normal operation according to the
established condition of the input terminals.
LOGIC INPUT CONTROL (IN1A, IN1B, IN2A, AND
IN2B)
These logic input terminals control each H-Bridge output.
For example, IN1A logic HIGH = OUT1A HIGH; likewise,
IN1B logic HIGH = OUT1B HIGH. If both A and B inputs are
HIGH, then both A and B outputs are Z (refer to Table 5, Truth
Table, page 7).
INPUT ENABLE CONTROL (PSAVE)
The PSAVE input controls the functioning of the power
output stages (the H-Bridges). When it is set logic LOW, the
output stages are enabled and the H-Bridges function
normally. When it is set logic HIGH, the output stages are
disabled and all the outputs are opened (high impedance). In
this mode, the built-in low-voltage detection circuit is
disabled.
H-BRIDGE OUTPUT (OUT1A, OUT1B, OUT2A, AND
OUT2B)
These terminals are the outputs of the power MOSFET
H-Bridges. OUT1 is from H-Bridge Channel 1, and OUT2
from H-Bridge Channel 2. These terminals will typically
connect to an external load (step motor or brush DC motors).
MOTOR DRIVER POWER SUPPLY (VM1 AND VM2)
VM1 and VM2 carries the main supply voltage and current
into the power sections (the H-Bridges) of the IC. Both of
these terminals are connected internally but they must be
connected together on the printed circuit board with as short
as possible traces. The input range is 2.7 V to 5.5 V.
POWER GROUND (PGND1 AND PGND2)
These two are the power ground terminals that connect to
the power ground of the H-Bridges. The power grounds are
for higher current handling capability from loads and they
must be connected together on the PCB.
LOGIC GROUND (LGND)
LGND is the logic ground terminal and its current handling
level is lower than the PGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com