Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17C724 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC17C724
Description  0.4 A Dual H-Bridge Motor Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17C724 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC17C724 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17C724 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17C724 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17C724 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17C724 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17C724 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17C724 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17C724 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17C724 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Document order number:
MPC17C724
Rev 2.0, 12/2005
Freescale Semiconductor
Technical Data
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2005. All rights reserved.
0.4 A Dual H-Bridge Motor
Driver IC
The 17C724 is a compact monolithic dual channel H-Bridge power
IC, ideal for portable electronic applications containing bipolar
stepper motors or brush DC motors such as those used in camera
lenses and shutters.
The 17C724 can operate efficiently with supply voltages from 2.7
V to 5.5 V and can provide continuous motor drive currents of 0.4 A
with low RDS(ON) of 1.0
Ω. It is easily interfaced to low-cost MCUs
via parallel 3.0 V- or 5.0 V-compatible logic and has built-in shoot-
through current protection circuit and undervoltage detector to avoid
malfunction.
The 17C724 has four output control modes: Forward, Reverse,
Brake, and Tri-State (High Impedance). The H-bridge outputs are
designed to be independently PWM’ed at up to 200 kHz for speed/
torque and current control.
Features
• Manufactured in SMOS7 Process Technology
• Built-In 2-Channel H-Bridge Driver
• Provides 4 Driving Modes (Forward, Reverse, Break, High
Impedance)
• Direct Interface to MCU
• Low ON-Resistance, RDS(ON) = 1.0 Ω (Typical)
• Dual Channel Parallel Drive, RDS(ON) = 0.5 Ω (Typical)
• Output Current Driver (IDR) is 400 mA (Continuous)
• Low Power Consumption
• Built-In Shoot-Through Current Prevention Circuit
• Built-In Low-Voltage Shutdown Circuit
• PWM Control Frequency 200 kHz (Max)
• Very Compact Size, Comes in 16-Terminal QFN Package (3x3 mm Terminal Pitch: 0.5 mm)
• Pb-Free Packaging Designated by Suffix Code EP
Figure 1. 17C724 Simplified Application Diagram
SCALE 4:1
MOTOR DRIVER
EP (Pb-FREE) SUFFIX
98ARL10566D
16-Terminal QFN
17C724
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MPC17C724EP/R2
-20°C to 85°C
16 QFN
MCU
3.0 V
17C724
Bipolar
Step
Motor
VDD
VM
OUT1A
OUT1B
OUT2B
OUT2A
GND
IN1A
IN1B
IN2A
IN2B
PSAVE
N
S


Similar Part No. - MPC17C724

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17C724EP/R2 FREESCALE-MPC17C724EP/R2 Datasheet
842Kb / 13P
0.4 A Dual H-Bridge Motor Driver IC
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
0.4 A Dual H-Bridge Motor Driver IC
More results

Similar Description - MPC17C724

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
H-BRIDGE MOTOR DRIVER IC
logo
Freescale Semiconductor...
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
0.4 A Dual H-Bridge Motor Driver IC
logo
HuaXinAn Electronics CO...
AP1014AEC HUAXINAN-AP1014AEC Datasheet
456Kb / 13P
Dual H-Bridge Motor Driver IC
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
Dual H-Bridge Motor Driver IC
logo
Asahi Kasei Microsystem...
AP1012A AKM-AP1012A Datasheet
480Kb / 14P
18V Dual H-Bridge Motor Driver IC
AP1014AEC AKM-AP1014AEC Datasheet
546Kb / 13P
7.0V Dual H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8881 TI1-DRV8881 Datasheet
1Mb / 45P
2.5-A Dual H-Bridge Motor Driver
logo
Asahi Kasei Microsystem...
AP1016AEN AKM-AP1016AEN Datasheet
622Kb / 15P
9.0V Dual H-Bridge Motor Driver IC
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
18V Dual H-Bridge Motor Driver IC
AP1019 AKM-AP1019 Datasheet
581Kb / 15P
9.0V Dual H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com