Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F2245 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F2245
Description  Octal Bidirectional Transceiver with TRI-STATE Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F2245 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F2245 Datasheet HTML 1Page - National Semiconductor (TI) 74F2245 Datasheet HTML 2Page - National Semiconductor (TI) 74F2245 Datasheet HTML 3Page - National Semiconductor (TI) 74F2245 Datasheet HTML 4Page - National Semiconductor (TI) 74F2245 Datasheet HTML 5Page - National Semiconductor (TI) 74F2245 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Connection Diagram
Pin Assignment for
DIP SOIC and SSOP
TLF12151 – 3
Unit LoadingFan Out
74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
OE
Output Enable Input (Active LOW)
1020
20 mA b12 mA
TR
TransmitReceive Input
1020
20 mA b12 mA
A0–A7
Side A Inputs or
351083
70 mA b065 mA
TRI-STATE Outputs
15040(383)
b
3 mA24 mA
B0–B7
Side B Inputs or
351083
70 mA b065 mA
TRI-STATE Outputs
75020
b
15 mA12 mA
Truth Table
Inputs
Output
OE
TR
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
High Z State
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
http
www nationalcom
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com