Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F2245 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F2245
Description  Octal Bidirectional Transceiver with TRI-STATE Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F2245 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F2245 Datasheet HTML 1Page - National Semiconductor (TI) 74F2245 Datasheet HTML 2Page - National Semiconductor (TI) 74F2245 Datasheet HTML 3Page - National Semiconductor (TI) 74F2245 Datasheet HTML 4Page - National Semiconductor (TI) 74F2245 Datasheet HTML 5Page - National Semiconductor (TI) 74F2245 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF12151
November 1996
74F2245
Octal Bidirectional Transceiver with TRI-STATE
Outputs
General Description
The ’F2245 contains eight non-inverting bidirectional buffers
with TRI-STATE outputs and is intended for bus-oriented
applications Current sinking capability is 24 mA at the A
ports and 12 mA at the B ports The TransmitReceive
(TR) input determines the direction of data flow through
the bidirectional transceiver Transmit (active HIGH) en-
ables data from A ports to B ports Receive (active LOW)
enables data from B ports to A ports The Output Enable
input when HIGH disables both A and B ports by placing
them in a High Z condition
The 25X series resistors in the outputs reduce ringing and
eliminate the need for external resistors
Features
Y
Non-inverting buffers
Y
Bidirectional data path
Y
A outputs sink 24 mA
Y
B outputs sink 12 mA
Y
25X series resistors in B outputs eliminate the need for
external resistors
Y
Guaranteed 2000V minimum ESD protection
Commercial
Package
Package Description
Number
74F2245SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
Note 1
Devices also available in 13
reel Use suffix e SCX
Logic Symbols
TLF12151 – 1
IEEEIEC
TLF12151 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M126Printed in U S A
http
www nationalcom


Similar Part No. - 74F2245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F2245 PHILIPS-74F2245 Datasheet
103Kb / 10P
Octal transceiver with 30ohm equivalent output termination 3-State
1996 May 10
More results

Similar Description - 74F2245

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT245 NSC-54ABT245 Datasheet
261Kb / 10P
Octal Bidirectional Transceiver with TRI-STATE Outputs
54AC245 NSC-54AC245 Datasheet
153Kb / 8P
Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54ACQ245 NSC-54ACQ245 Datasheet
153Kb / 8P
Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54F245DM NSC-54F245DM Datasheet
173Kb / 8P
Octal Bidirectional Transceiver with TRI-STATE Outputs
54F545DM NSC-54F545DM Datasheet
166Kb / 8P
Octal Bidirectional Transceiver with TRI-STATEE Outputs
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
Octal Bidirectional Transceiver with TRI-STATE Outputs
74FR245 NSC-74FR245 Datasheet
152Kb / 6P
Octal Bidirectional Transceiver with TRI-STATE Outputs
54F646 NSC-54F646 Datasheet
216Kb / 12P
Octal Transceiver/Register with TRI-STATE Outputs
logo
Texas Instruments
54AC245-N TI1-54AC245-N Datasheet
197Kb / 10P
54AC245 54ACT245 Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54ACQ245 TI1-54ACQ245 Datasheet
198Kb / 10P
Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com