Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6VA25616 Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS6VA25616
Description  2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6VA25616 Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

  AS6VA25616 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
®
AS6VA25616
10/6/00
ALLIANCE SEMICONDUCTOR
7
Typical DC and AC characteristics
Package diagrams and dimensions
Supply voltage (V)
1.7
0.0
0.2
0.6
0.8
0.4
1.0
1.2
1.4
Normalized supply current
Supply Voltage (V)
0.0
0.25
0.5
0.75
1.0
Normalized access time
vs. supply voltage
vs. supply voltage
Ambient temperature (°C)
–55
105
25
0.5
1.0
0.0
1.5
2.0
2.5
Normalized standby current
vs. ambient temperature
VCC = VCC typ
Supply voltage (V)
0.0
0.2
0.6
0.8
0.4
1.0
1.2
1.4
Normalized standby current
vs. supply voltage
ISB2
Supply voltage (V)
0.10
0.50
1.0
1.5
Normalized ICC
vs. Cycle Time
2.2
2.7
3.2
3.7
1.7
2.2
2.7
3.2
3.7
TA = 25° C
3.0
–0.5
VIN = VCC typ
1
5
10
15
11.9
2.8
3.7
VIN = VCC typ
TA = 25° C
VIN = VCC typ
TA = 25° C
VCC = 3.3V
TA = 25° C
44-pin TSOP II
Min (mm)
Max
(mm)
A1.2
A1
0.05
A2
0.95
1.05
b
0.25
0.45
c
0.15 (typical)
d
18.28
18.54
e
10.06
10.26
He
11.56
11.96
E
0.80 (typical)
l
0.40
0.60
d
He
123 4567 8 9 10 11 12 13 14
44 43 42 41 40 39 38 37 36 35 34 33 32 31
15 16
30 29
17 18 19 20
28 27 26 25
c
l
A1
A2
E
44-pin TSOP II
0–5°
21
24
22
23
e
A
b



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com