Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6VA25616 Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS6VA25616
Description  2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6VA25616 Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

  AS6VA25616 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Copyright ©2000 Alliance Semiconductor Corporation (Alliance)'s three-point logo, our name, and Intelliwatt™ are trademarks or r egistered trademarks of Alliance. All other brand and product names may be the trademarks of
their respective companies. Alliance reserves the right to make changes to this web site and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this web site. Alliance does
not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to fitness for a particular purpose, merchantability, or
infringement of any intellectual property rights, except as expressly agreed to in Alliance's Terms and Conditions of Sale (available from Alliance). All sales of Alliance products are made exclusively according to Alliance's
Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights, mask works rights, trademarks, or any other intellectual property rights of Alliance or third
parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of
Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indem nify Alliance against all claims arising from such use.
®
AS6VA25616
10/6/00
ALLIANCE SEMICONDUCTOR
9
Ordering codes
Part numbering system
Speed (ns)
Ordering Code
Package Type
Operating Range
55
AS6VA25616-TC
44-pin TSOP II
Commercial
AS6VA25616-BC
48-ball fine pitch BGA
55
AS6VA25616-TI
44-pin TSOP II
Industrial
AS6VA25616-BI
48-ball fine pitch BGA
AS6VA
25616
T, B
C, I
SRAM Intelliwatt™ prefix
Device number
Package:
T: TSOP II
B: CSP BGA
Temperature range:
C: Commercial: 0° C to 70° C
I: Industrial: -40° C to 85° C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com