Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM9901 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9901
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9901 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9901 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
______________________________________ ____________________________________________________ ____________________________
Over Temperature Protection
*TSHD+
120
oC
Over Temperature Recovery Degree *TSHD-
100
Detection Delay Time
0.25
Overcharge Voltage Detection
Delay Time
*tCU
130
180
mS
Overdischarge Voltage Detection
Delay Time
*tDL
40
60
mS
Overdischarge Current 1 Detection
Delay Time
*tIOV1
VDD=3.5V
6
10
mS
Load Short-Circuiting Detection
Delay Time
*tSHOR
T
VDD=3.5V
140
240
uS
Note:* ---
The parameter is guaranteed by design.
Figure 3. Functional Block Diagram
FUNCTIONAL DESCRIPTION
The HM9901 monitors the voltage and
current of a battery and protects it from
being damaged due to overcharge voltage,
overdischarge voltage, overdischarge
current, and short circuit conditions by
disconnecting the battery from the load
or charger. These functions are required in
order to operate the battery cell within
specified limits.
The device requires only one external
capacitor. The MOSFET is integrated and
its RSS(ON) is as low as 16.5mΩ typical.
Normal operating mode
If no exception condition is detected,
charging and discharging can be carried
out freely. This condition is called the
normal operating mode.
Overcharge Condition
HM9901



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com