Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM9901 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9901
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9901 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9901 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ORDERING INFORMATION
PART
NUMBER
Pack
age
Overcharg
e Detection
Voltage
[VCU] (V)
Overcharge
Release
Voltage
[VCL] (V)
Overdischarge
Detection
Voltage
[VDL] (V)
Overdischarge
Release
Voltage
[VDR] (V)
Overcurrent
Detection
Current
[IOV1] (A)
Top Mark
HM9901
SOP
8
4.30
4.10
2.40
3.0
9
HM9901 YW(note)
Note: “YW” is manufacture date code, “Y” means the year, “W” means the week
PIN CONFIGURATION
Figure 2. PIN Configuration
PIN DESCRIPTION
HM9901 PIN
NUMBER
PIN NAME
PIN DESCRIPTION
1
NC
No Connect
3,4
GND
Ground, connect the negative terminal of the battery to this pin
2
VDD
Power Supply
5,6,7,8
VM
The negative terminal of the battery pack. The internal FET switch
connects this terminal to GND
ABSOLUTE MAXIMUM RATINGS
(Note: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating
conditions for long periods may affect device reliability.)
PARAMETER
VALUE
UNIT
VDD input pin voltage
-0.3 to 6
V
VM input pin voltage
-6 to 10
V
HM9901



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com