Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5654/KG/MPAS Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # SP5654/KG/MPAS
Description  2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5654/KG/MPAS Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  SP5654/KG/MPAS Datasheet HTML 1Page - Zarlink Semiconductor Inc SP5654/KG/MPAS Datasheet HTML 2Page - Zarlink Semiconductor Inc SP5654/KG/MPAS Datasheet HTML 3Page - Zarlink Semiconductor Inc SP5654/KG/MPAS Datasheet HTML 4Page - Zarlink Semiconductor Inc SP5654/KG/MPAS Datasheet HTML 5Page - Zarlink Semiconductor Inc SP5654/KG/MPAS Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5654/KG/MPAS Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5654/KG/MPAS Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5654/KG/MPAS Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SP5654
2
ELECTRICAL CHARACTERISTICS
Tamb= –20°C to )80°C, VCC=)4.5V to )5.5V. Reference frequency =4MHz. These characteristics are guaranteed by
either production test or design. They apply within the specified ambient temperature and supply voltage ranges unless
otherwise stated.
Characteristics
Symbol
Pin
Value
Units
Conditions
Characteristics
Symbol
Pin
Min
Typ
Max
Units
Conditions
Supply current
ICC
12
30
40
mA
Typical applies to VCC = 5V
Prescaler Input Voltage
13, 14
12.5
300
mVrms
300MHz to 2GHz sinewave.
40
300
mVrms
120MHz & 2.7GHz See Fig.6.
Prescaler Input Impedance
Input Capacitance
13, 14
50
2
W
pF
Data Clock and Enable
High Level Input Voltage
4, 5, 10
3
VCC
V
Low Level Input Voltage
4, 5, 10
0
1.5
V
High Level Input Current
4, 5, 10
10
mA
VIN=5.5V VCC=5.5V
Low Level Input Current
4, 5, 10
–10
mA
VIN=0V VCC=5.5V
Input Hysteresis
4, 5, 10
0.8
V
Clock Rate
5
500
kHz
Timing Information
Data Setup Time
tSU
4
300
ns
See Fig.4
Data Hold Time
tHD
4
600
ns
See Fig. 4
Enable Setup time
tES
10
300
ns
See Fig. 4
Enable Hold Time
tEH
10
600
ns
See Fig. 4
Clock–to–Enable Time
tCE
10
300
ns
See Fig. 4
Clock Low Period
tLO
5
600
ns
See Fig. 4
Clock High Period
tHI
5
600
ns
See Fig. 4
Mode Select
High Level Input Current
3
700
mA
VIN=5.5V VCC=5.5V
Low Level Input Current
3
–700
mA
VIN=0V VCC=5.5V
Charge Pump Output Current
1
150
mA
V pin 1 = 2.0V, device ‘out of
lock’
Charge Pump Output Current
1
50
mA
V pin 1 = 2.0V, device ‘locked’
Charge Pump Output
Leakage Current
1
5
nA
V pin 1 = 2.0V, charge pump
disabled
Charge Pump Drive Output
Current
16
1
mA
V pin 16 = 0.7V
Charge Pump Amplifier Gain
6400
Pin 18 Current = 100
mA
Oscillator Temperature
Stability
2
ppm/
°C
Oscillator Stability with
Supply Voltage
2
ppm/V
Recommended Crystal
Series Resistance
10
200
W
‘‘Parallel resonant crystal.” Fig-
ure quoted is under all condi-
tions including start up.
Crystal Oscillator Drive Level
2
80
mV p–p
Crystal Oscillator Negative
Resistance
2
750
W
Includes temperature and
process tolerances
Reference Crystal Frequency
2
4
8
MHz
External Reference input
Frequency
2
2
16
MHz
AC coupled sinewave
External Reference input
Amplitude
2
400
1000
mVp–p
AC coupled sinewave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com