Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5654/KG/MPAS Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # SP5654/KG/MPAS
Description  2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5654/KG/MPAS Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  SP5654/KG/MPAS Datasheet HTML 1Page - Zarlink Semiconductor Inc SP5654/KG/MPAS Datasheet HTML 2Page - Zarlink Semiconductor Inc SP5654/KG/MPAS Datasheet HTML 3Page - Zarlink Semiconductor Inc SP5654/KG/MPAS Datasheet HTML 4Page - Zarlink Semiconductor Inc SP5654/KG/MPAS Datasheet HTML 5Page - Zarlink Semiconductor Inc SP5654/KG/MPAS Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5654/KG/MPAS Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5654/KG/MPAS Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5654/KG/MPAS Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SP5654
3
ELECTRICAL CHARACTERISTICS (cont.)
Tamb= –20°C to )80°C, VCC=)4.5V to )5.5V. Reference frequency =4MHz. These characteristics are guaranteed by
either production test or design. They apply within the specified ambient temperature and supply voltage ranges unless
otherwise stated.
Characteristics
Conditions
Units
Value
Pin
Symbol
Characteristics
Conditions
Units
Max
Typ
Min
Pin
Symbol
Ports and Lock output
Sink Current
6–9, 11
10
mA
Vout=0.7V
Lock Leakage Current
11
10
mA
Vout=VCC
Port Leakage Current
6–9
10
mA
Vout=13.2V
Varactor Drive Amp Disable
10
–50
mA
Vpin 10 < 0V. Current sourced
from device
Charge Pump Disable
4
–50
mA
Vpin 4 < 0V. Current sourced
from device
Test Mode Enable
5
–50
mA
Vpin 5 < 0V. Current sourced
from device. See Table 2
ABSOLUTE MAXIMUM RATINGS
All voltages are referred to VEE=0V
Parameter
Pin
Value
Units
Conditions
Parameter
Pin
Min
Max
Units
Conditions
Supply voltage
12
–0.3
7
V
Prescaler input voltage
13, 14
2.5
Vp–p
Prescaler DC offset
13, 14
–0.3
VCC+0.3
V
Port voltage
6–9
–0.3
14
V
Port in off state
–0.3
6
V
Port in on state
Total port output current
6–9
50
mA
Loop amplifier DC offset
1, 16
–0.3
VCC+0.3
V
Crystal oscillator DC offset
2
–0.3
VCC+0.3
V
3–wire bus inputs
4, 5, 10
–0.7
6
V
Mode select input
3
–0.3
VCC+0.3
V
Lock output voltage
11
–0.3
VCC+0.3
V
Lock output current
11
15
mA
Storage temperature
–55
+150
°C
Junction temperature
+150
°C
MP16 thermal resistance, chip–to–ambient
111
°C/W
MP16 thermal resistance, chip–to–case
41
°C/W
Power consumption
220
mW
All ports off
ESD protection
All
4
kV
MIL STD 883 TM 3015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com