Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KG/MPAS Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # KG/MPAS
Description  2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

KG/MPAS Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button KG/MPAS Datasheet HTML 2Page - Zarlink Semiconductor Inc KG/MPAS Datasheet HTML 3Page - Zarlink Semiconductor Inc KG/MPAS Datasheet HTML 4Page - Zarlink Semiconductor Inc KG/MPAS Datasheet HTML 5Page - Zarlink Semiconductor Inc KG/MPAS Datasheet HTML 6Page - Zarlink Semiconductor Inc KG/MPAS Datasheet HTML 7Page - Zarlink Semiconductor Inc KG/MPAS Datasheet HTML 8Page - Zarlink Semiconductor Inc KG/MPAS Datasheet HTML 9Page - Zarlink Semiconductor Inc KG/MPAS Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SP5654
4
0.5
0.2
1
0
+j0.2
+j0.5
+j1
+j2
+j5
2
5
–j5
–j2
–j1
–j0.5
–j0.2
FREQUENCY MARKER STEP = 500MHz
S11:Z0 = 50W
Fig. 2 Typical input impedance
X
X
X
X
X
2.6GHz
NORMALISED TO 50
W
RF
V
INPUTS
CLOCK
DATA
ENABLE
MODE
SELECT
CC
CRYSTAL
CHARGE
PUMP
DRIVE/
VARICAP
OUTPUT
VEE
LOCK
P0
P1
P2
P3
PRE
AMP
PRESCALER
14/15 BIT
PROGRAMMABLE
DIVIDER
FPD
FCOMP
PHASE
COMP
F
OSC
DATA
INPUT
INTERFACE
DATA
CLOCK
18/19
LATCH
CONTROL
OUTPUT
BUFFER
CHARGE
PUMP
AMP
LOCK
DETECT
CP DIS
VA DIS
Fig. 3 Block diagram
16
REFERENCE
DIVIDER
13
14
5
4
10
3
67
8
9
11
15
16
1
2
12
512/640/1024
/1280/2048
MODE
SELECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com