Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KG/MPAS Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # KG/MPAS
Description  2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

KG/MPAS Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button KG/MPAS Datasheet HTML 4Page - Zarlink Semiconductor Inc KG/MPAS Datasheet HTML 5Page - Zarlink Semiconductor Inc KG/MPAS Datasheet HTML 6Page - Zarlink Semiconductor Inc KG/MPAS Datasheet HTML 7Page - Zarlink Semiconductor Inc KG/MPAS Datasheet HTML 8Page - Zarlink Semiconductor Inc KG/MPAS Datasheet HTML 9Page - Zarlink Semiconductor Inc KG/MPAS Datasheet HTML 10Page - Zarlink Semiconductor Inc KG/MPAS Datasheet HTML 11Page - Zarlink Semiconductor Inc KG/MPAS Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SP5654
6
Test Mode
P1
P2
P3
Test Mode Description
0
0
0
0
Charge pump down 170
mA
1
0
0
1
Charge pump up 170
mA
2
1
0
0
Charge pump down 50
mA
3
1
0
1
Charge pump up 50
mA
4
d
1
0
FCOMP to P2; FPD/2 to P3;
Lock output switched to out of lock
condition
5
d
1
1
Lock output switched to inlock condition
These test modes are invoked by taking the clock input below VEE
d=don‘t care
Table 2 Test mode options
MODE
COMPATIBILITY
18 Bit Data entry
19 Bit Data entry
4
TD6380 plus
2 prescaler
TD6382 plus
4 prescaler
3
None
TD6381
2
TD6380
TD6382 plus
2 prescaler
1
None
TD6382
0
None
TD6381 plus
2 prescaler
Table 3. Programming compatibilities
FREQUENCY DATA
CLOCK
ENABLE
P0
P1
P2
P3
LSB
217
216
215
214
213
212
22
21
20
P0
P1
P2
P3
LSB
218
217
216
215
214
213
22
21
20
FREQUENCY DATA
t
ES
=Enable set up time
=Data set up time
=Data hold time
=Clock–to–enable time
=Enable hold time
t
SU
t
HD
t
CE
t
EH
18–BIT
19–BIT
Fig. 4 Data format and timing
DATA ENTRY
DATA ENTRY
MSB IS TRANSMITTED
FIRST
MSB
MSB
CLOCK
ENABLE
DATA
t
SU
t
HD
3V
3V
1.5V
1.5V
t
CE tES
t
LO
t
Hi
t
EH
3V
1.5V
=Clock low period
t
LO
t
Hi
=Clock high period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com