Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

093 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 093
Description  Han 200A crimp module, male
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

093 Datasheet(HTML) 1 Page - HARTING Technology Group

  093 Datasheet HTML 1Page - HARTING Technology Group 093 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 14 001 3003
Han 200A crimp module, male
Han 200A crimp module, male
Image is for illustration purposes only. Please refer to product description.
Part number
09 14 001 3003
Specification
Han 200A crimp module, male
HARTING eCatalogue
https://b2b.harting.com/09140013003
Identification
Category
Modules
Series
Han-Modular®
Type of module
Han® 200 A module
Version
Termination method
Crimp termination
Gender
Male
Number of contacts
1
FE contact
0
Details
Please order crimp contacts separately.
Technical characteristics
Conductor cross-section
[16] ... [70 mm²]
Rated current
200 A
Rated voltage
1000 V
Rated voltage
1000 V AC
1300 V DC
Rated impulse voltage
8 kV
Pollution degree
3
Insulation resistance
>1010 Ω
Limiting temperature
[-40] ... [+125 °C]
Mating cycles
≥500
Page 1 / 2 | Creation date 2021-05-05 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 093

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
093-0005 MULTICOMP-093-0005 Datasheet
342Kb / 1P
Surface Resistance Meter 9V
23/06/22
093-0019 MULTICOMP-093-0019 Datasheet
403Kb / 2P
Wrist Strap and Footwear Tester
19/07/22
093-1010 MULTICOMP-093-1010 Datasheet
331Kb / 2P
ESD Wrist Strap On-Line Monitor and Tester
08/07/21 V1.0
logo
Mill-Max Mfg. Corp.
0930-0-15-20-75-14-11-0 MILL-MAX-0930-0-15-20-75-14-11-0 Datasheet
400Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
logo
HARTING Technology Grou...
09300009701 HARTING-09300009701 Datasheet
490Kb / 2P
Locking element f single Easy Lock lever
2021-10-01
More results

Similar Description - 093

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-14-001-3004 HARTING-09-14-001-3004 Datasheet
476Kb / 2P
Han 300A crimp module, male
09-14-001-3103 HARTING-09-14-001-3103 Datasheet
472Kb / 2P
Han 200A crimp module, female
09-14-006-3001 HARTING-09-14-006-3001 Datasheet
464Kb / 2P
Han E module, crimp male
09-14-003-3002 HARTING-09-14-003-3002 Datasheet
450Kb / 2P
Han C module, crimp male
09-14-002-3002 HARTING-09-14-002-3002 Datasheet
460Kb / 2P
Han 40A crimp module, male
09-14-001-3101 HARTING-09-14-001-3101 Datasheet
462Kb / 2P
Han 200A crimp module, female
09-14-001-3001 HARTING-09-14-001-3001 Datasheet
457Kb / 2P
Han 200A crimp module, male
09-14-001-2661 HARTING-09-14-001-2661 Datasheet
458Kb / 2P
Han 200A axial module, male 95mm짼
09-14-017-3001 HARTING-09-14-017-3001 Datasheet
456Kb / 2P
Han DDD module, crimp male
2021-12-04
09-14-020-3001 HARTING-09-14-020-3001 Datasheet
469Kb / 2P
Han EEE module, crimp male
2021-12-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com