Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS0271 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BOS0271
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS0271 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BOS0271 Datasheet HTML 1Page - Balluff Korea Ltd. BOS0271 Datasheet HTML 2Page - Balluff Korea Ltd. BOS0271 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photoelectric Sensors
BOS Q08M-UUI-KH22-00,2-S49
Order Code: BOS0271
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-04
Subject to change without notice: 265570
ETIM 6.0: EC001822
BOS0271_0.52_2021-04-29
1 / 3
1) Emitter, 2) Receiver, 3) LED function indicator
Basic features
Approval/Conformity
CE
cULus
EAC
IO-Link
WEEE
Basic standard
IEC 60947-5-2
Operating mode
SIO Mode
IO-Link Mode
Principle of operation
Photoelectric sensor
Series
Q08M
Style
Square
Connection 90°
Display/Operation
Adjuster
no
Display
Limit range - LED yellow, flashing
LED yellow: Light received
Setting
Rated switching distance (Sn)
Hysteresis
Electrical connection
Cable diameter D
3.00 mm
Cable length L
0.2 m
Connection
Cable with connector, M8x1-Male,
3-pin, 0.20 m, PUR
Contact, surface protection
Gold plated
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Load capacitance max. at Ue
0.1 µF
No-load current Io max. at Ue
15 mA
Operating voltage Ub
10...30 VDC
Output resistance Ra
33.0 kOhm
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
10 ms
Residual current Ir max.
50 µA
Ripple max. (% of Ue)
10 %
Switching frequency
500 Hz
Turn-off delay toff max.
1 ms
Turn-on delay ton max.
1 ms
Utilization category
DC -13
Voltage drop Ud max. at Ie
0.8 V


Similar Part No. - BOS0271

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOS0270 BALLUFF-BOS0270 Datasheet
123Kb / 3P
Photoelectric Sensors
BOS027J BALLUFF-BOS027J Datasheet
102Kb / 2P
BOS 6K-XT-RS10-PU-03
2025-03-27
BOS027K BALLUFF-BOS027K Datasheet
103Kb / 2P
BOS 6K-PU-RE10-PU-03
2025-03-27
BOS027M BALLUFF-BOS027M Datasheet
126Kb / 3P
Photoelectric Sensors
2024-09-02
BOS027R BALLUFF-BOS027R Datasheet
125Kb / 3P
Photoelectric Sensors
2024-09-02
More results

Similar Description - BOS0271

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com