Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT125 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT125
Description  Quad Buffer with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT125 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74ACT125 Datasheet HTML 1Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 2Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 3Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 4Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 5Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 6Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 7Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74AC
54AC
74AC
VCC
TA ea25 C
TA eb55 CTA eb40 C
Symbol
Parameter
(V)
CL e 50 pF
to a125 Cto a85 C
Units
CL e 50 pF
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
33
10
65
90
10
100
ns
Data to Output
50
10
55
70
10
75
tPHL
Propagation Delay
33
10
65
90
10
100
ns
Data to Output
50
10
50
70
10
75
tPZH
Output Enable Time
33
10
60
105
10
110
ns
50
10
50
70
10
80
tPZL
Output Enable Time
33
10
75
100
10
110
ns
50
10
55
80
10
85
tPHZ
Output Disable Time
33
10
75
100
10
105
ns
50
10
65
90
10
95
tPLZ
Output Disable Time
33
10
75
105
10
115
ns
50
10
65
90
10
95
Voltage Range 33 is 33V g03V
Voltage Range 50 is 50V g05V
AC Electrical Characteristics
74ACT
74ACT
VCC
TA ea25 C
TA eb40 C
Symbol
Parameter
(V)
CL e 50 pF
to a85 C
Units
CL e 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
50
10
65
90
10
100
ns
Data to Output
tPHL
Propagation Delay
50
10
70
90
10
100
ns
Data to Output
tPZH
Output Enable Time
50
10
60
85
10
95
ns
tPZL
Output Enable Time
50
10
70
95
10
105
ns
tPHZ
Output Disable Time
50
10
70
95
10
105
ns
tPLZ
Output Disable Time
50
10
75
100
10
105
ns
Voltage Range 50 is 50V g05V
Capacitance
Symbol
Parameter
ACACT
Units
Conditions
Typ
CIN
Input Capacitance
45
pF
VCC e OPEN
CPD
Power Dissipation
450
pF
VCC e 50V
Capacitance
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com