Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT125 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT125
Description  Quad Buffer with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT125 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74ACT125 Datasheet HTML 1Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 2Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 3Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 4Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 5Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 6Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 7Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF10692
March 1993
54AC74AC125
 74ACT125
Quad Buffer with TRI-STATE
Outputs
General Description
The ’AC’ACT125 contains four independent non-inverting
buffers with TRI-STATE outputs
Features
Y
ICC reduced by 50%
Y
Outputs sourcesink 24 mA
Y
’ACT125 has TTL-compatible outputs
Logic Symbol
IEEEIEC
TLF10692 – 1
Connection Diagrams
Pin Assignment
for DIP SOIC and Flatpak
TLF10692 – 2
Pin Assignment
for LCC
TLF10692 – 3
Pin Names
Description
An Bn
Inputs
On
Outputs
Function Table
Inputs
Output
An
Bn
On
LL
L
LH
H
HX
Z
H e HIGH Voltage Level
L e LOW Voltage Level
Z e HIGH Impedance
X e Immaterial
TRI-STATE
is a registered trademark of National Semiconductor Corporation
FACTTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74ACT125

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT125 STMICROELECTRONICS-74ACT125 Datasheet
75Kb / 8P
QUAD BUS BUFFERS 3-STATE
May-1997
logo
Fairchild Semiconductor
74ACT125 FAIRCHILD-74ACT125 Datasheet
90Kb / 9P
Quad Buffer with 3-STATE Outputs
logo
STMicroelectronics
74ACT125 STMICROELECTRONICS-74ACT125 Datasheet
178Kb / 9P
QUAD BUS BUFFERS (3-STATE)
Jul-2001
logo
ON Semiconductor
74ACT125 ONSEMI-74ACT125 Datasheet
142Kb / 9P
Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74ACT125 FAIRCHILD-74ACT125 Datasheet
309Kb / 10P
Quad Buffer with 3-STATE Outputs
More results

Similar Description - 74ACT125

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F243 NSC-54F243 Datasheet
133Kb / 6P
Quad Bus Transceiver with TRI-STATE Outputs
74LS126A NSC-74LS126A Datasheet
95Kb / 4P
Quad TRI-STATE Buffer
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125 Datasheet
92Kb / 8P
Quad Buffer with 3-State Outputs
May, 2001 ??Rev. 5
logo
National Semiconductor ...
54F365 NSC-54F365 Datasheet
146Kb / 8P
Hex Buffer/Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
Quad Buffer with 3-STATE Outputs
74AC125 FAIRCHILD-74AC125_08 Datasheet
309Kb / 10P
Quad Buffer with 3-STATE Outputs
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
QUAD BUFFER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com