Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V61103C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # V61103C
Description  Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V61103C Datasheet(HTML) 1 Page - Vishay Siliconix

  V61103C Datasheet HTML 1Page - Vishay Siliconix V61103C Datasheet HTML 2Page - Vishay Siliconix V61103C Datasheet HTML 3Page - Vishay Siliconix V61103C Datasheet HTML 4Page - Vishay Siliconix V61103C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
V61103C
www.vishay.com
Vishay General Semiconductor
Revision: 22-Dec-2020
1
Document Number: 98161
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier
Ultra Low VF = 0.34 V at IF = 5 A
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder bath temperature 275 °C maximum, 10 s,
per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency converters, switching power
supplies, freewheeling diodes, OR-ing diode, DC/DC
converters, and reverse battery protection.
MECHANICAL DATA
Case: TO-220AB
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked
Mounting Torque: 10 in-lbs maximum
Note
(1) The heat generated must be less than the thermal conductivity from junction to ambient: dPD/dTJ <1/ RθJA
PRIMARY CHARACTERISTICS
IF(AV)
2 x 30 A
VRRM
100 V
IFSM
320 A
VF at IF = 30 A (125 °C)
0.63 V
TJ max.
150 °C
Package
TO-220AB
Circuit configuration
Common cathode
TO-220AB
1
2
3
PIN 1
PIN 2
CASE
PIN 3
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V61103C
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
V
Maximum average forward rectified current (fig. 1)
per device
IF(AV)
60
A
per diode
30
Peak forward surge current 8.3 ms single half sine-wave superimposed
on rated load per diode
IFSM
320
A
Operating junction temperature range
TJ (1)
-40 to +150
°C
Storage temperature range
TSTG
-55 to +150


Similar Part No. - V61103C

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V6116 EMMICRO-V6116 Datasheet
871Kb / 15P
Digitally Programmable 2, 4 and 8 Mux LCD Driver
V6116V60TBA-3041 EMMICRO-V6116V60TBA-3041 Datasheet
871Kb / 15P
Digitally Programmable 2, 4 and 8 Mux LCD Driver
V6116V6WP11E EMMICRO-V6116V6WP11E Datasheet
871Kb / 15P
Digitally Programmable 2, 4 and 8 Mux LCD Driver
V6116V6WP27E EMMICRO-V6116V6WP27E Datasheet
871Kb / 15P
Digitally Programmable 2, 4 and 8 Mux LCD Driver
V6118 EMMICRO-V6118 Datasheet
1Mb / 15P
2, 4 and 8 Multiplex LCD Driver
More results

Similar Description - V61103C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30200C VISHAY-V30200C Datasheet
158Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.526 V at IF = 5 A
31-Jul-08
V40100G VISHAY-V40100G Datasheet
167Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.42 V at IF = 5 A
19-May-08
V40100PG VISHAY-V40100PG_08 Datasheet
106Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.420 V at IF = 5 A
26-May-08
V50100P VISHAY-V50100P_08 Datasheet
103Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.375 V at IF = 5 A
26-May-08
V60200PG VISHAY-V60200PG Datasheet
104Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
14-Oct-08
VF20100R VISHAY-VF20100R_15 Datasheet
83Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
17-Aug-15
VT1045C-M3 VISHAY-VT1045C-M3 Datasheet
135Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
12-May-16
VBT1045C-E3 VISHAY-VBT1045C-E3 Datasheet
90Kb / 4P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
09-Sep-13
VBT1045C-M3 VISHAY-VBT1045C-M3 Datasheet
102Kb / 4P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
30-Apr-13
VFT1045C-M3 VISHAY-VFT1045C-M3 Datasheet
88Kb / 4P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
22-Nov-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com