Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V61103C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V61103C
Description  Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V61103C Datasheet(HTML) 2 Page - Vishay Siliconix

  V61103C Datasheet HTML 1Page - Vishay Siliconix V61103C Datasheet HTML 2Page - Vishay Siliconix V61103C Datasheet HTML 3Page - Vishay Siliconix V61103C Datasheet HTML 4Page - Vishay Siliconix V61103C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
V61103C
www.vishay.com
Vishay General Semiconductor
Revision: 22-Dec-2020
2
Document Number: 98161
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(2) Pulse test: 300 μs pulse width, 1 % duty cycle
(3) Pulse test: Pulse width
≤ 5 ms
Note
(4) Thermal resistance junction-to-case to follow JEDEC® 51-14 transient dual interface test method (TDIM)
ELECTRICAL CHARACTERISTICS (TJ = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
per diode
IF = 5 A
TJ = 25 °C
VF (1)
0.43
-
V
IF = 15 A
0.54
-
IF = 30 A
0.68
0.74
IF = 5 A
TJ = 125 °C
0.34
-
IF = 15 A
0.49
-
IF = 30 A
0.63
0.68
Reverse current at rated VR
per diode
VR = 70 V
TJ = 25 °C
IR (2)
0.02
-
mA
TJ = 125 °C
13
-
VR = 100 V
TJ = 25 °C
-
2
TJ = 125 °C
30
60
Typical junction capacitance
4 V, 1MHz
CJ
3250
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V61103C
UNIT
Typical thermal resistance per device
RθJC
(1)
1.0
°C/W
OERDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V61103C-M3/P
1.88
P
50/tube
Tube



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com