Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2G384STR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74V2G384STR
Description  DUAL HIGH SPEED BUS SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G384STR Datasheet(HTML) 4 Page - STMicroelectronics

  74V2G384STR Datasheet HTML 1Page - STMicroelectronics 74V2G384STR Datasheet HTML 2Page - STMicroelectronics 74V2G384STR Datasheet HTML 3Page - STMicroelectronics 74V2G384STR Datasheet HTML 4Page - STMicroelectronics 74V2G384STR Datasheet HTML 5Page - STMicroelectronics 74V2G384STR Datasheet HTML 6Page - STMicroelectronics 74V2G384STR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
74V2G384
4/7
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
410
10
10
pF
CI/O
Output
Capacitance
7pF
CPD
Power Dissipation
Capacitance
(note 1)
3.3
2.5
pF
5.0
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com