Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2G384STR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V2G384STR
Description  DUAL HIGH SPEED BUS SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G384STR Datasheet(HTML) 1 Page - STMicroelectronics

  74V2G384STR Datasheet HTML 1Page - STMicroelectronics 74V2G384STR Datasheet HTML 2Page - STMicroelectronics 74V2G384STR Datasheet HTML 3Page - STMicroelectronics 74V2G384STR Datasheet HTML 4Page - STMicroelectronics 74V2G384STR Datasheet HTML 5Page - STMicroelectronics 74V2G384STR Datasheet HTML 6Page - STMicroelectronics 74V2G384STR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
June 2003
s
HIGH SPEED: tPD = 0.5ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA =25°C
s
LOW "ON" RESISTANCE at VCC=5.0V:
RON=7Ω (TYP), VIN=0V, II/O=30mA
RON=20Ω (TYP), VIN=2.4V, II/O=10mA
s
OPERATING VOLATGE RANGE:
VCC (OPR.) = 3.0V TO 5.5V
s
5V TOLERANT ON CONTROL PIN
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
DESCRIPTION
The 74V2G384 is an advanced high-speed CMOS
DUAL HIGH SPEED BUS SWITCH fabricated in
silicon gate C2MOS technology. It’s designed to
operate from 3V to 5.5V, making this device ideal
for portable applications. It’s offers 7
Ω Resistance
typical value at VCC=4.5V. Additional key feature
are fast switching speed (tON=3.8ns, tOFF=3.3ns
Typical) and Low Power Consumption.
The OE input is provided to control the switch; the
switch is ON when the OE input is held low and
OFF when OE is held high.
It’s available in the commercial and extended
temperature range in SOT23-8L package.
74V2G384
DUAL HIGH SPEED BUS SWITCH
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-8L
74V2G384STR
SOT23-8L


Similar Part No. - 74V2G384STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2G32 STMICROELECTRONICS-74V2G32 Datasheet
83Kb / 8P
DUAL 2-INPUT OR GATE
Mar-2004
74V2G32STR STMICROELECTRONICS-74V2G32STR Datasheet
83Kb / 8P
DUAL 2-INPUT OR GATE
Mar-2004
More results

Similar Description - 74V2G384STR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQ3V245 IDT-IDTQ3V245 Datasheet
55Kb / 7P
QUICKSWITCH PRODUCTS 3.3V HIGH SPEED BUS SWITCH
logo
STMicroelectronics
74V1G384 STMICROELECTRONICS-74V1G384 Datasheet
98Kb / 9P
SINGLE HIGH SPEED BUS SWITCH
Apr-2004
74V2T384 STMICROELECTRONICS-74V2T384 Datasheet
109Kb / 7P
DUAL HIGH SPEED BUS SWITCH
Jun-2003
logo
Toshiba Semiconductor
TC7WB66FK TOSHIBA-TC7WB66FK_07 Datasheet
165Kb / 6P
Dual Bus Switch
TC7WB125FK TOSHIBA-TC7WB125FK_07 Datasheet
164Kb / 6P
Dual Bus Switch
logo
Integrated Device Techn...
IDTQS3306A IDT-IDTQS3306A_11 Datasheet
212Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS DUAL BUS SWITCH WITH INDIVIDUAL
IDTQS32X384 IDT-IDTQS32X384_11 Datasheet
220Kb / 5P
HIGH-SPEED CMOS 20-BIT BUS SWITCH
logo
STMicroelectronics
74V1T384 STMICROELECTRONICS-74V1T384 Datasheet
180Kb / 9P
SINGLE HIGH SPEED BUS SWITCH
Apr-2002
logo
Nexperia B.V. All right...
CBT3306-Q100 NEXPERIA-CBT3306-Q100 Datasheet
186Kb / 9P
Dual bus switch
CBT3306 NEXPERIA-CBT3306 Datasheet
208Kb / 11P
Dual bus switch
Rev. 9 - 18 March 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com