Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22LS1 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 22LS1
Description  Telemetering System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

22LS1 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  22LS1 Datasheet HTML 1Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 2Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 3Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 4Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 5Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 6Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: 22LS1
22LS1 SPECIFICATIONS
ES-6557 Rev.6 Page 3/7
http://www.m-system.co.jp/
DESCRIPTIONS
■HOW TO SET STATION ADDRESSES
All units are connected in a series via a couple of modems. Assign to the pair of 22LS1 a number remote from those for 22LA1
units (such like FF, FE).
■DIP SWITCH SETTING
A) Modem type selecting:
Set SW1 through SW4 according to the type of modem combined with the 22LS1.
Transmission speed and format appropriate for each modem type are determined. If you change these settings, turn power
supply to the unit off and on.
B) Master/Slave selecting:
Set SW8 of a 22LS1 unit to Master and one of the paired unit to Slave.
If you change these settings, turn power supply to the unit off and on.
■HOW TO CALCULATE TRANSMISSION SPEED
A) When the total number of inputs at one side of the pair of modems (one station) is at the maximum of 256 in contact and 32
in analog:
N1: number of 22LA1-3A4 units
N2: number of 22LA1-3E5/-3E6 units
N3: number of 22LA1-3G3 units
N4: number of 22LA1-3G4 units
The number of input units (N1 to N4) determines Data Volume:
•Contact Inputs
B1 = (N1 + N2) × 6
•Analog Inputs
B2 = (N3 + N4) × 3 + (N3×8 + N4×4) × 2
•Total Data Volume
C0 = 5 + B1 + B2
Relation between the Total Data Volume and a time (Ta) required to transmit from one station (Master Station) is shown in the
following equation:
Ta = C0 × A
where A is a parameter determined by the transmission speed of modems:
A = 0.2933 (50 bps)
A = 0.0333 (300 bps)
A = 0.0083 (1200 bps)
A = 0.0042 (2400 bps)
The transmission speed (Tb) for the other station (Slave Station) can be calculated in the same way.
Actual time (TA) required for a contact (or analog) input to be transmitted from Master Station to Slave Station varies according
to timings of signal status change and transmission status, if there is no transmission error.
Ta ≤ TA ≤ Ta + Ta + Tb
B) When the total number of inputs at one side of the pair of modems (one station) is at the maximum of 256 in contact and 64
in analog:
When the total number of analog inputs exceeds 32, the 22LS1 divides them for transmission. Therefore time required for
transmitting analog and contact signals are different.
N1: number of 22LA1-3A4 units
N2: number of 22LA1-3E5/-3E6 units
N3: number of 22LA1-3G3 units
N4: number of 22LA1-3G4 units
The number of input units (N1 to N4) determines Data Volume:
•Contact Inputs
B1 = (N1 + N2) × 6
•Analog Inputs, first group
B2 = 88
•Analog Inputs, second group



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com