Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22LS1 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 22LS1
Description  Telemetering System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

22LS1 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  22LS1 Datasheet HTML 1Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 2Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 3Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 4Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 5Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 6Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: 22LS1
22LS1 SPECIFICATIONS
ES-6557 Rev.6 Page 1/7
http://www.m-system.co.jp/
Telemetering System
MODEM INTERFACE
(SIN-NET use)
Functions & Features
• Interfacing between SIN-NET devices (models:
22LA1, DLA1) and a modem for leased circuit
• Simple configuration by setting Station No. for pairing
units with the front rotary witches
• Combined with M-System's modems for leased circuit
Typical Applications
• 1-to-1 transmission system
• 1-to-N transmission system
144
(5.67)
80
(3.15)
mm (inch)
50
(1.97)
8
7
6
5
4
3
2
1
RS-232-C
SA1
SA2
RUN
PWR
3 45
2
3 45
2
MODEL: 22LS1–3–[1]
ORDERING INFORMATION
• Code number: 22LS1-3-[1]
Specify a code from below for [1].
(e.g. 22LS1-3-K)
TRANSMISSION MEDIA
3: Twisted-pair cable for small-scale system
[1] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
L: 170 – 264 V AC
(Operational voltage range 170 – 264 V, 47 – 66 Hz)
DC Power
S: 12 V DC
(Operational voltage range 12 V ±10 %, ripple 10 %p-p max.)
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
RELATED PRODUCTS
• Multi-transmission module
Model: 22LA1
• RS cable
Model: DCN5
• Modem
Model: MOD1, MOD2, MOD3x, MOD4, MOD5, MOD6, MOD7,
MOD8
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
Power input: M3.5 screw terminals
SIN-NET, RUN contact output: Euro type connector
terminal block
RS-232-C: 9-pin D-sub connector (female)
(M2.6 x 0.45 connector screw)
Housing material: Flame-resistant resin (black)
Isolation: RS-232-C to SIN-NET to RUN contact output to
power
DIP switches: selecting modem type (SW1 – 4) and
Master/Slave (SW8)
Terminator: Incorporated (remove jumper pin with those
modules not located at the end of transmission line)
Station No. setting: 2 rotary switches; 00 – FF (256)
Power indicator: Red LED turns ON in normal conditions;
OFF when the voltage level becomes low.
RUN indicator: Red LED turns ON when the selfdiagnosis
proves normal, OFF in an abnormality.
RUN contact output: Contact opens in an abnormality.
125 V AC @ 0.5A (cosø = 1)
30 V DC @ 0.5A (resistive load)
Maximum switching voltage: 250 V AC or 125 V DC
Maximum switching power: 62.5 VA or 60 W
Minimum load: 10 mV DC @ 1 mA
Mechanical life: 5 × 107 cycles (rate 180/min.)
Self-diagnosis
Communication: receiving 'loss of RS-232-C
communication' data; multiplex transmission
error data; network error
CPU: watch-dog timer
Power voltage: detects when the voltage supply to the CPU
drops.
MULTI-TRANSMISSION
Communication: 2-wire, half-duplex
Transmission: conform to RS-422, EIA
Transmission speed: 125 kbps
Data encoding: SDLC
Control procedure: NRZ
Protocol: SIN-NET (M-System's)


Similar Part No. - 22LS1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
22LA1 MSYSTEM-22LA1 Datasheet
436Kb / 22P
Multiplex Transmission System
22LA1-3A1-K MSYSTEM-22LA1-3A1-K Datasheet
436Kb / 22P
Multiplex Transmission System
22LA1-3A1-L MSYSTEM-22LA1-3A1-L Datasheet
436Kb / 22P
Multiplex Transmission System
22LA1-3A1-R MSYSTEM-22LA1-3A1-R Datasheet
436Kb / 22P
Multiplex Transmission System
22LA1-3A1-S MSYSTEM-22LA1-3A1-S Datasheet
436Kb / 22P
Multiplex Transmission System
More results

Similar Description - 22LS1

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST91XX MITSUMI-PST91XX Datasheet
65Kb / 3P
System Reset
logo
Delta Electronics, Inc.
HDS3000-24V DELTA-HDS3000-24V Datasheet
190Kb / 1P
Power System
logo
Fuji Electric
EDS25-1A FUJI-EDS25-1A Datasheet
732Kb / 34P
Optical Fieldbus System System Composition Devices
logo
ATMEL Corporation
ATDH40M ATMEL-ATDH40M Datasheet
507Kb / 13P
Programmable System Level Integration Prototyping System
logo
M-System Co.,Ltd.
DAST20 MSYSTEM-DAST20 Datasheet
383Kb / 22P
Telemetering System
DLS MSYSTEM-DLS Datasheet
224Kb / 10P
TELEMETERING UNIT
TMA MSYSTEM-TMA Datasheet
59Kb / 4P
ANALOG TELEMETERING MODULE
TMR MSYSTEM-TMR Datasheet
62Kb / 4P
CONTACT TELEMETERING MODULE
logo
Festo Corporation.
8118454 FESTO-8118454 Datasheet
97Kb / 1P
Control system
1/21/22
8118455 FESTO-8118455 Datasheet
93Kb / 1P
Control system
1/21/22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com